Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LTCEC-140F-R/Q

  • AI
    The **LTCEC-140F-R/Q** is a high-performance constant current LED controller, typically used in industrial machine vision applications. It is designed to provide precise, high-speed lighting control for LED illumination systems. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the LTCEC-140F series: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC | | **Output Current** | Up to 140W (depending on configuration) | | **Control Channels** | Single or Multi-channel (depending on exact suffix) | | **Dimming Method** | PWM (Pulse Width Modulation) or Analog | | **Trigger Mode** | External Hardware Trigger / Software Trigger | | **Communication Interface** | RS232 or Ethernet (Q models often support specific protocols) | --- ### 2. Functional Components The "parts" or internal logic of this controller focus on three main areas: #### A. Power Regulation (Constant Current) Unlike standard power supplies, the LTCEC-140F-R/Q uses **Constant Current** regulation. This is critical for LEDs because: * It prevents thermal runaway. * It ensures consistent brightness regardless of temperature fluctuations or cable resistance. #### B. Strobe & Trigger Logic The controller features high-speed switching circuitry (MOSFET-based) that allows the LED to pulse for very short durations (microseconds). * **Overdrive Function:** Many models in this series allow "Overdriving," where the current is briefly pushed beyond the LED's continuous rating to achieve extreme brightness for high-speed photography. #### C. Communication & Integration * **R/Q Suffixes:** These usually denote the communication interface. "R" typically stands for RS232 serial control, while "Q" may refer to specific connector types (like M12) or specialized firmware for fast-response environments. --- ### 3. Connection Pinout (Typical) Most LTCEC controllers utilize standard industrial connectors. A common configuration includes: 1. **V+ / V-**: Power input (24V). 2. **Trig+ / Trig-**: Opto-isolated trigger inputs to synchronize with a camera. 3. **LED+ / LED-**: Output to the lighting fixture. 4. **Data Pins**: RX/TX for RS232 or Ethernet pins for remote intensity adjustment. --- ### 4. Implementation Example To control the device via a serial command (standard protocol), the logic follows this structure: ```python # Example Pseudo-code for setting brightness via RS232 import serial controller = serial.Serial('/dev/ttyS0', 19200) # Command structure: [Header][Channel][Value][Checksum] brightness_cmd = b'\x41\x01\xFF\x20' controller.write(brightness_cmd) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' suffixes in this specific model?
    • ⤷ How do I calculate the maximum pulse width for the overdrive mode?
    • ⤷ Does this controller support GigE Vision or GenICam protocols?