Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LTCEC-1602-R/Q

  • AI
    The **LTCEC-1602-R/Q** is a specific variant of a standard character Liquid Crystal Display (LCD) module. This part number follows the industry-standard "1602" nomenclature, indicating a display capable of showing **16 characters per line across 2 lines**. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications The "R/Q" suffix usually refers to specific backlight colors or interface configurations (often Reflective, Transmissive, or Transflective). | Parameter | Specification | | :--- | :--- | | **Display Type** | STN or FSTN (Character LCD) | | **Format** | 16 Characters x 2 Lines | | **Controller IC** | HD44780 or compatible (e.g., ST7066) | | **Input Voltage (VDD)** | +5.0V (Standard) or +3.3V | | **Backlight Voltage** | +4.2V (Typical for LED) | | **Interface** | 4-bit or 8-bit Parallel | | **Character Matrix** | 5 x 8 Dots | --- ### 2. Pin Configuration (Standard 16-Pin) Most 1602 modules, including the LTCEC series, utilize a standard 16-pin header for power and data communication. | Pin No. | Symbol | Function | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Power Supply (+5V) | | 3 | VO | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (Command/Data) | | 5 | R/W | Read/Write Select | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus Lines | | 15 | BLA | Backlight Anode (+) | | 16 | BLK | Backlight Cathode (-) | --- ### 3. Core Electronic Components * **LCD Controller (HD44780 compatible):** The "brain" of the module. It handles the character generator ROM (CGROM), which stores the font patterns for alphanumeric characters. * **Driver Circuits:** Located on the back of the PCB (often covered by black epoxy "blobs"), these translate the controller's logic into the high-voltage signals needed to twist the liquid crystals. * **Contrast Circuitry:** Pin 3 (VO) requires a variable voltage (usually 0V to 0.5V) to adjust the visibility of the pixels against the background. * **Backlight LED:** A series of LEDs (often yellow-green or blue) that provide illumination from behind the glass. --- ### 4. Application Example (Arduino) To use this part with a microcontroller, you typically use the `LiquidCrystal` library. ```cpp #include // Initialize the library with the numbers of the interface pins LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 2); lcd.print("LTCEC-1602-R/Q"); } void loop() { // Set cursor to column 0, line 1 lcd.setCursor(0, 1); lcd.print("Ready to use!"); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes in this specific model?
    • ⤷ How do I calculate the current-limiting resistor for the backlight pins 15 and 16?
    • ⤷ Can this module be converted to work with an I2C interface?