Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LTCEC-2201-R/Q

  • AI
    The **LTCEC-2201-R/Q** is a specific surface-mount electronic component typically categorized as an **EMI suppression filter** or a **Common Mode Choke**. It is frequently used in high-speed data transmission lines to reduce electromagnetic interference (EMI) while maintaining signal integrity. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the general technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Common Mode Choke / EMI Filter | | **Impedance (@ 100MHz)** | 120Ω to 2200Ω (varies by specific dash number) | | **DC Resistance (RDC)** | Max 0.3Ω - 1.2Ω | | **Rated Current** | 100mA - 400mA | | **Rated Voltage** | 50V DC | | **Operating Temperature** | -40°C to +85°C | | **Package Size** | 0805 (2012 Metric) or 1206 (3216 Metric) | --- ### 2. Functional Roles The "R/Q" suffix usually denotes specific variations in packaging (Tape & Reel) or slight deviations in performance characteristics (Quality Factor or Resistance tolerance). * **Common Mode Noise Suppression:** It filters out noise that is common to both lines in a differential pair without affecting the actual signal data. * **Signal Integrity:** It is designed to have high impedance for noise but low impedance for differential signals, preventing data distortion. * **Compact Integration:** Its small footprint allows it to be placed close to connectors (USB, HDMI, Ethernet) where noise enters or exits the PCB. --- ### 3. Common Applications These parts are widely found in consumer electronics and industrial interfaces: 1. **USB 2.0/3.0 Lines:** Suppressing high-frequency noise in data cables. 2. **IEEE1394 (Firewire):** Reducing EMI in high-speed serial links. 3. **LVDS (Low Voltage Differential Signaling):** Used in display panels and camera modules. 4. **CAN-Bus:** Common in automotive electronics to protect communication lines from engine noise. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented by two coupled inductors: ```text Pin 1 (Input +) ---[ Inductor A ]--- Pin 4 (Output +) ) ( Pin 2 (Input -) ---[ Inductor B ]--- Pin 3 (Output -) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes for this specific part?
    • ⤷ Can this component be replaced by a standard ferrite bead in a circuit?
    • ⤷ How do I calculate the required impedance for a USB 2.0 data line filter?