Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LTM8032MPVPBF

  • AI
    ## Overview of LTM8032MPVPBF The **LTM8032MPVPBF** is a complete, electromagnetic compatible (EMC) step-down (buck) DC/DC μModule regulator. It is designed by Analog Devices (Linear Technology) to simplify power supply design while meeting rigorous noise standards. ### Key Specifications | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 3.6V to 36V | | **Output Voltage Range** | 0.8V to 10V | | **Output Current** | 2A Continuous | | **Switching Frequency** | Adjustable (200kHz to 2.4MHz) | | **Operating Temperature** | -55°C to 125°C (Military Grade) | | **Package Type** | LGA (Land Grid Array) | --- ### Core Electronic Components The LTM8032 is a "system-in-a-package," meaning it integrates several discrete components into a single module to minimize PCB footprint and EMI. #### 1. Switching Controller & Power MOSFETs At the heart of the module is a high-performance switching regulator. It uses synchronous rectification to maintain high efficiency even at lower output voltages. The internal MOSFETs are optimized for fast switching with minimal heat dissipation. #### 2. Power Inductor One of the most significant features is the **integrated shielded inductor**. In traditional buck converters, the inductor is an external component that can radiate electromagnetic interference (EMI). The LTM8032's internal inductor is specifically selected and shielded to comply with **EN55022 Class B** radiated emission standards. #### 3. Compensation & Input/Output Capacitors While some external capacitance is required for bulk energy storage, the module contains internal bypass capacitors to stabilize the feedback loop and reduce high-frequency ripple. --- ### Pin Functions & Integration The device uses a BGA/LGA pinout. Below are the primary functional pins: | Pin Category | Description | |:---|:---| | **$V_{IN}$** | Input supply voltage (3.6V to 36V). | | **$V_{OUT}$** | Regulated output voltage. | | **ADJ** | Used to set the output voltage via an external resistor. | | **RT** | Used to set the internal switching frequency. | | **SHARE** | Allows multiple LTM8032s to be paralleled for higher current. | | **RUN/SS** | Enables the device and provides soft-start functionality. | --- ### Why use the "MPV" Variant? The suffix **MPV** indicates specific characteristics: * **MP:** Military Plastic grade, meaning the device is tested and guaranteed to operate in extreme temperatures (-55°C to 125°C). * **V:** Refers to the LGA package type. * **PBF:** Lead-free (RoHS compliant). --- ### Typical Application Circuit Example To utilize the LTM8032, a designer typically only needs to add two resistors (for voltage and frequency setting) and input/output capacitors. ```c // Conceptual Component Layout [Input Cap] --- [V_IN] [LTM8032] [V_OUT] --- [Output Cap] | | | [RT Res] [ADJ Res] [GND] ```
    ✨ Follow-up Questions
    • ⤷What are the specific external resistor values needed for a 5V output?
    • ⤷How does the LTM8032 compare to the LTM8033 in terms of current output?
    • ⤷What are the layout best practices to maintain the EN55022 Class B EMI rating?