Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LTPE-03-R

  • AI
    The **LTPE-03-R** is a specific electronic component commonly used in precision motion control, specifically identified as a **high-precision linear potentiometer** or **linear position sensor**. --- ### 1. General Specifications The LTPE-03-R belongs to the category of resistive sensors that convert mechanical displacement into an electrical signal. | Feature | Description | | :--- | :--- | | **Component Type** | Linear Potentiometer (Pencil Type) | | **Sensing Principle** | Potentiometric (Conductive Plastic) | | **Stroke Length** | 25mm to 300mm (standard models vary) | | **Resistance Tolerance** | ±20% | | **Linearity** | ±0.1% to ±0.05% | | **Operating Temp** | -30°C to +100°C | --- ### 2. Key Electronic Characteristics The device operates on the principle of a **voltage divider**. Here are the critical electronic aspects: * **Conductive Plastic Element:** Unlike wire-wound potentiometers, the LTPE series uses conductive plastic. This provides a virtually infinite resolution and a significantly longer life cycle (often up to 100 million movements). * **Voltage Divider Output:** It is a passive device. When a DC voltage is applied across the two end terminals, the wiper terminal provides a voltage proportional to the physical position of the rod. * **Independent Linearity:** The "R" in the suffix often denotes high-precision linearity, meaning the electrical output is extremely consistent with the mechanical movement. --- ### 3. Pinout and Connection Most LTPE-03-R models use a standard 3-wire configuration: 1. **Terminal 1 (Brown/Input):** Connects to the supply voltage ($V_{in}$). 2. **Terminal 2 (Blue/Output):** The signal output ($V_{out}$) which goes to your PLC or Analog-to-Digital Converter (ADC). 3. **Terminal 3 (Black/Ground):** Connects to the common ground (0V). --- ### 4. Common Applications Due to its "pencil" form factor and high precision, it is frequently used in: * **Injection Molding:** Monitoring the position of the ejector or clamp. * **Medical Equipment:** Precise bed height or limb positioning. * **Automotive Testing:** Measuring suspension travel or brake pedal displacement. * **Robotics:** Feedback loops for linear actuators. --- ### 5. Circuit Implementation Example To interface this with a microcontroller (like an Arduino or PLC), use the following logic: ```cpp // Example: Reading position from LTPE-03-R int sensorPin = A0; // Output from Terminal 2 int sensorValue = 0; // Variable to store raw value void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); // Convert 0-1023 to physical distance (e.g., 0-50mm) float distance = (sensorValue / 1023.0) * 50.0; Serial.println(distance); delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the LTPE-03-R?
    • ⤷ How does the 'pencil' design differ from a standard linear transducer?
    • ⤷ What are the maintenance requirements for the conductive plastic track?