Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LTPE-43-R

  • AI
    The **LTPE-43-R** is a high-performance, compact thermal printer mechanism developed by **Seiko Instruments (SII)**. It is designed for applications requiring high-speed, high-resolution printing in a small form factor, such as point-of-sale (POS) terminals, medical devices, and portable labelers. --- ### ## Technical Specifications The following table summarizes the key electronic and mechanical characteristics of the LTPE-43-R: | Feature | Specification | | :--- | :--- | | **Printing Method** | Thermal Line Dot Printing | | **Total Number of Dots** | 832 dots/line | | **Resolution** | 8 dots/mm (203 dpi) | | **Print Width** | 104 mm | | **Paper Width** | 112 mm | | **Max Printing Speed** | 150 mm/s (at 24V) | | **Operating Voltage** | 24V (Vp) / 3.3V to 5.0V (Vcc) | | **Head Resistance** | ~650 Ohms | | **Weight** | Approx. 145g | --- ### ### Key Electronic Components The LTPE-43-R consists of several critical sub-systems that interface with a microcontroller (MCU): #### 1. Thermal Print Head (TPH) * **Heating Elements:** The mechanism contains a linear array of resistors. When current passes through specific resistors, they generate heat to darken the thermosensitive paper. * **Driver ICs:** Integrated shift registers and latch circuits allow the MCU to send data serially (Clock, Data In, Latch) to control which dots are fired. #### 2. Stepper Motor * **Paper Feed:** A high-precision bipolar stepper motor drives the platen roller. * **Control:** It requires an external H-bridge motor driver. The speed of the motor must be synchronized with the TPH firing frequency to prevent distorted images. #### 3. Sensors * **Thermistor:** A built-in temperature sensor monitors the TPH heat. The controller must read this to adjust the "strobe" time (pulse width) to prevent the head from overheating or burning out. * **Paper-End Sensor:** An optical photo-interrupter detects the presence of paper. * **Platen Release Sensor:** Detects if the rubber roller (platen) is engaged or open. --- ### ### Connection Interface The unit typically interfaces via a Flexible Printed Circuit (FPC). Below is the general logic flow for the electronics: ```c // Pseudo-code logic for firing the LTPE-43-R 1. Check Thermistor (Ensure temperature is safe) 2. Check Paper Sensor (Ensure paper is loaded) 3. Shift Data (Send 832 bits of line data to the TPH) 4. Pulse Latch (Lock the data into the TPH registers) 5. Activate Strobe (Apply voltage to TPH for X microseconds) 6. Step Motor (Advance the paper for the next line) ``` --- ### ### Power Considerations * **Vp (Print Voltage):** Requires a stable 24V source. Peak current can be high depending on the number of dots fired simultaneously (dots per line). * **Vcc (Logic Voltage):** Powers the internal shift registers (3.3V or 5V). ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout definitions for the LTPE-43-R FPC connector?
    • ⤷ How do I calculate the strobe time based on the thermistor resistance?
    • ⤷ What motor driver IC is recommended for controlling the LTPE-43-R stepper motor?