Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LU976N-R

  • AI
    ### Overview of the LU976N-R The **LU976N-R** is a high-performance, fiber-coupled laser diode module. It is part of a category of components primarily used as pump sources for Erbium-Doped Fiber Amplifiers (EDFA) and fiber lasers. These modules are known for their high reliability and efficiency in telecommunications and industrial fiber applications. --- ### Technical Specifications Below are the primary electronic and optical characteristics typically associated with the LU976N-R series: | Parameter | Specification (Typical) | Unit | | :--- | :--- | :--- | | **Center Wavelength** | 974 - 976 | nm | | **Operating Current ($I_{op}$)** | 500 - 1200 (Load Dependent) | mA | | **Forward Voltage ($V_f$)** | 1.8 - 2.2 | V | | **Threshold Current ($I_{th}$)** | 50 - 100 | mA | | **Output Power ($P_o$)** | 200 - 600 | mW | | **Fiber Type** | Single Mode (SMF) / Polarization Maintaining (PM) | - | | **Operating Temperature** | -5 to +75 | °C | --- ### Internal Electronic Components The LU976N-R is not just a simple diode; it is a complex module housed in a **14-pin Butterfly Package**. It contains several integrated components to ensure stability: 1. **Laser Diode Chip:** The core component that converts electrical energy into 976nm light. 2. **Thermoelectric Cooler (TEC):** An internal Peltier element used to maintain a constant temperature for the laser chip, preventing wavelength drift. 3. **Thermistor:** A temperature-sensitive resistor used to monitor the internal temperature and provide feedback to the TEC controller. 4. **Monitor Photodiode (MPD):** Measures a small portion of the laser output to provide feedback for constant power control (Automatic Power Control - APC). 5. **Fiber Bragg Grating (FBG):** Often located in the fiber pigtail to "lock" the wavelength, ensuring it stays exactly at 976nm regardless of current or temperature fluctuations. --- ### Pinout Configuration (Standard 14-Pin Butterfly) While specific manufacturers may vary slightly, the standard electronic interface for these modules follows this logic: | Pin # | Function | Description | | :--- | :--- | :--- | | 1 | TEC (+) | Positive terminal for the Cooler | | 2 | Thermistor | Temperature sensor lead | | 3 | Monitor PD Anode | Photodiode output for power monitoring | | 4 | Monitor PD Cathode | Photodiode ground | | 5 | Thermistor | Temperature sensor lead | | 11 | Laser Cathode (-) | Main laser drive current input | | 12 | Laser Anode (+) | Main laser drive current ground/return | | 14 | TEC (-) | Negative terminal for the Cooler | --- ### Important Handling Considerations * **ESD Sensitivity:** These diodes are extremely sensitive to Electrostatic Discharge. Always use grounded wrist straps. * **Back-Reflections:** Ensure the fiber tip is clean. Reflections back into the diode can destroy the laser facet. * **Current Regulation:** Always use a **Constant Current** driver. Voltage-spikes or over-current will cause immediate failure.
    ✨ Follow-up Questions
    • ⤷ What are the specific requirements for a TEC controller used with this module?
    • ⤷ How does the Fiber Bragg Grating (FBG) affect the spectral width of the LU976N-R?
    • ⤷ Can this module be pulsed
    • ⤷ or is it strictly for Continuous Wave (CW) operation?