Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LV-AB-R

  • AI
    The **LV-AB-R** is a specific model of an **Active Airflow Control Damper** or **VAV (Variable Air Volume) Terminal Unit** component, typically used in HVAC systems. It is designed to regulate air volume based on pressure signals and electronic control inputs. --- ### 1. Key Electronic Components The LV-AB-R integrates mechanical airflow sensing with electronic actuation. Below are the primary electronic parts: | Component | Description | Function | | :--- | :--- | :--- | | **Electronic Actuator** | A motorized drive unit (e.g., Belimo or Siemens compatible). | Rotates the damper blade to adjust airflow. | | **Differential Pressure Sensor** | A high-precision transducer. | Measures the pressure drop across the internal flow probe. | | **Integrated Controller** | A microprocessor-based PCB. | Processes the setpoint and feedback to maintain desired CFM. | | **Communication Interface** | Terminals for analog (2-10V) or digital signals. | Allows integration with Building Management Systems (BMS). | --- ### 2. Technical Specifications The electronics are designed for low-voltage environments to ensure safety and precision. * **Operating Voltage:** Typically 24V AC/DC (±20%). * **Control Signals:** * **Analog:** 0-10V DC or 2-10V DC (Input/Output). * **Digital:** Often supports MP-Bus, BACnet, or Modbus (model dependent). * **Power Consumption:** * Running: ~2.5W to 4W. * Holding: ~1.2W. * **Connection Type:** Screw terminals or plug-and-play connectors. --- ### 3. Electronic Operation Principle 1. **Sensing:** The pressure transducer converts the physical pressure from the "AB" (Aero-Baffle) sensor into an electrical signal. 2. **Calculation:** The electronic controller calculates the actual volume flow ($V_{actual}$) using a programmed $k$-factor. 3. **Adjustment:** If $V_{actual}$ differs from the $V_{setpoint}$ (provided by the thermostat or BMS), the controller sends a pulse-width modulated (PWM) signal to the actuator motor. 4. **Feedback:** The system sends a voltage signal (usually 2-10V) back to the BMS to report the current damper position or flow rate. --- ### 4. Wiring Diagram Overview (Typical) ```text [ 24V AC/DC ] ----> (1) Power Supply (GND) [ 24V AC/DC ] ----> (2) Power Supply (+) [ 2-10V In ] ----> (3) Control Signal (Setpoint) [ 2-10V Out ] ----> (4) Feedback Signal (Actual Flow) ```
    ✨ Follow-up Questions
    • ⤷ What is the k-factor value for the LV-AB-R for airflow calculations?
    • ⤷ How do I troubleshoot a 2-10V feedback signal error on this unit?
    • ⤷ Is the LV-AB-R compatible with BACnet MS/TP protocols?