Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LVC-LVC0402LF-R020-F

  • AI
    The **LVC-LVC0402LF-R020-F** is a specialized electronic component primarily used for power management and current sensing. It is a high-precision, low-resistance chip resistor manufactured by **TT Electronics/IRC**. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific physical and electrical characteristics of the part: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **LVC** | Series Name | Low Value Chip Resistor | | **0402** | Case Size | 0402 (Metric 1005): 1.0mm x 0.5mm | | **LF** | Termination | Lead-Free (RoHS Compliant) | | **R020** | Resistance Value | 0.020 Ohms (20mΩ) | | **F** | Tolerance | ±1% | --- ### 2. Technical Specifications Below are the primary electrical and environmental parameters for this specific component: * **Resistance:** 20 mΩ (0.020 Ω) * **Power Rating:** Typically 0.1W to 0.125W (depending on mounting) * **Temperature Coefficient (TCR):** Usually ±100ppm/°C to ±500ppm/°C (Series dependent) * **Operating Temperature:** -55°C to +150°C * **Technology:** Thick Film on Ceramic substrate --- ### 3. Key Features & Applications #### Features * **Low Ohmic Value:** Designed specifically to minimize power loss while allowing for measurable voltage drops. * **Miniature Footprint:** The 0402 size is ideal for high-density circuit boards in mobile devices. * **High Stability:** Designed to maintain accuracy under varying thermal conditions. #### Applications * **Current Sensing:** Used in Shunt resistors to measure current flow in battery management systems. * **Power Supplies:** Monitoring output stages in DC-DC converters. * **Consumer Electronics:** Power management in smartphones, tablets, and wearables. * **Motor Control:** Sensing small currents in micro-motors. --- ### 4. Implementation Example (Basic Ohm's Law) When using this resistor for current sensing, the voltage drop ($V$) across the resistor is measured to determine the current ($I$): ```python # Simple Python calculation for Voltage Drop resistance = 0.020 # 20mOhms current = 2.0 # 2 Amperes voltage_drop = current * resistance print(f"Voltage Drop: {voltage_drop} Volts (20mV)") ```
    ✨ Follow-up Questions
    • ⤷ What are the soldering layout recommendations for 0402 current sense resistors?
    • ⤷ How does the TCR (Temperature Coefficient) affect accuracy in high-heat environments?
    • ⤷ What are the alternatives to LVC0402 if I need a higher power rating?