Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LVC-LVC1206LF-R020-F

  • AI
    The **LVC-LVC1206LF-R020-F** is a specialized high-precision surface-mount resistor manufactured by TT Electronics (IRC). It belongs to the LVC series, which is specifically designed for **current sensing** applications. --- ### 1. Part Number Breakdown Understanding the alphanumeric code explains the core physical and electrical properties of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **LVC** | Series Name | Low Value Chip Resistor | | **1206** | Case Size | 1206 Imperial (3216 Metric) | | **LF** | Termination | Lead-Free (RoHS Compliant) | | **R020** | Resistance Value | 0.020 Ohms ($20 m\Omega$) | | **F** | Tolerance | $\pm 1\%$ | --- ### 2. Key Technical Specifications The LVC series is known for its ability to handle high power relative to its size while maintaining low resistance. * **Power Rating:** Typically **0.25W to 0.5W** (depending on the specific thermal management of the PCB). * **Resistance Value:** $20 m\Omega$ ($0.02 \Omega$). * **Temperature Coefficient (TCR):** Usually $\pm 100 \text{ ppm/}^\circ\text{C}$ or better, ensuring stability across temperature fluctuations. * **Operating Temperature Range:** $-55^\circ\text{C}$ to $+155^\circ\text{C}$. * **Construction:** Thick film on a high-purity alumina substrate with a protective overglaze. --- ### 3. Functional Use Cases Because the resistance is extremely low ($20 m\Omega$), this part is not used for typical voltage dropping or pull-up tasks. Instead, it is used for **Current Shunt Sensing**: 1. **Power Management:** Used in DC-DC converters to monitor output current. 2. **Battery Monitoring:** Measuring charge/discharge cycles in portable electronics. 3. **Motor Control:** Detecting overcurrent conditions to prevent motor burnout. 4. **Overcurrent Protection:** Acting as a sensor for a protection circuit to trigger a shutdown if current exceeds safe limits. --- ### 4. Why "1206" Matters The **1206** form factor (3.2mm x 1.6mm) is larger than standard 0603 or 0805 resistors. This is intentional to: * Provide a larger surface area for **heat dissipation**. * Accommodate wider terminal pads to reduce parasitic resistance at the solder joints, which is critical when measuring milliohms. --- ### 5. Summary Table | Attribute | Detail | | :--- | :--- | | **Type** | Current Sense / Shunt Resistor | | **Technology** | Thick Film | | **Mounting** | Surface Mount (SMD) | | **Key Advantage** | Low Ohmic values with high precision |
    ✨ Follow-up Questions
    • ⤷What is the difference between thick film and thin film in current sensing?
    • ⤷ How does Kelvin (4-terminal) sensing differ from this 2-terminal 1206 part?
    • ⤷ What are the thermal considerations when layout out a PCB for a 20mOhm resistor?