Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LVSP5-R

  • AI
    The **LVSP5-R** is a high-performance, compact surge protection component manufactured by **Littelfuse**. It belongs to the **LVSP (Low Voltage Surge Protector)** series, specifically designed for robust overvoltage protection in industrial and commercial environments. --- ### ## 1. Key Specifications The following table summarizes the primary electrical characteristics of the LVSP5-R: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Littelfuse | | **Series** | LVSP | | **Surge Current Rating ($I_{max}$)** | 5 kA (8/20 µs wave) | | **Voltage Rating** | Optimized for low voltage AC applications | | **Response Time** | < 25 nanoseconds | | **Mounting Type** | PCB Mount (Through-hole) | | **Form Factor** | Radial leaded disc / Encapsulated | --- ### ## 2. Core Electronic Components The LVSP5-R is primarily built using **Metal Oxide Varistor (MOV)** technology. Here is how the internal electronics function: * **Zinc Oxide (ZnO) Grains:** The core is composed of a ceramic mass of zinc oxide grains. This material acts as a variable resistor. * **Non-linear Resistance:** Under normal operating voltages, the part exhibits very high resistance (acting as an open circuit). When a voltage spike (transient) occurs, the resistance drops instantly, shunting the excess current to ground. * **Thermal Protection:** Unlike standard MOVs, the "R" in the LVSP series often denotes a design optimized for reliability and thermal stability, preventing the part from catching fire during end-of-life thermal runaway. --- ### ## 3. Applications and Usage The LVSP5-R is integrated into circuits to protect sensitive electronic equipment from lightning strikes, inductive load switching, and power surges. 1. **Industrial Controls:** Protecting PLC (Programmable Logic Controller) inputs. 2. **HVAC Systems:** Guarding control boards against motor-start surges. 3. **Power Supplies:** Used as a front-end protection stage in AC-DC converters. 4. **LED Lighting:** Protecting drivers from line voltage fluctuations. --- ### ## 4. Typical Connection Diagram In a standard electronic circuit, the LVSP5-R is placed in parallel with the load it is protecting. ```mermaid graph LR Line[AC Line] --- Fuse[Fuse] Fuse --- LVSP[LVSP5-R] LVSP --- Neutral[AC Neutral] Fuse --- Load[Sensitive Electronics] Load --- Neutral ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 5kA and 10kA ratings in the LVSP series?
    • ⤷ How does the LVSP5-R handle thermal runaway compared to standard MOVs?
    • ⤷ Can the LVSP5-R be used in DC circuit protection?