Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LX1663ACD

  • AI
    ### Overview of the LX1663ACD The **LX1663ACD** is a specialized Integrated Circuit (IC) developed by Microsemi (now part of Microchip Technology). It is primarily designed as a **PWM (Pulse Width Modulation) Controller** for high-performance DC-DC converters, specifically tailored for powering advanced processors and high-current voltage regulator modules (VRMs). --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Device Type** | Synchronous Buck PWM Controller | | **Package** | 16-pin SOIC (Small Outline Integrated Circuit) | | **Output Voltage Range** | Programmable (typically 1.3V to 3.5V via 5-bit DAC) | | **Operating Voltage** | Dual Supply (5V and 12V inputs) | | **Switching Frequency** | Fixed/Adjustable (Internal oscillator) | | **Topology** | Synchronous Buck (Step-Down) | --- ### Core Electronic Features #### 1. 5-Bit Digital-to-Analog Converter (DAC) The LX1663ACD features an on-chip DAC that allows the output voltage to be programmed digitally. This is crucial for CPU power supplies where the voltage needs to be set precisely according to the processor's VID (Voltage Identification) pins. #### 2. Synchronous Rectification Unlike standard buck converters that use a diode, the LX1663ACD controls two N-channel MOSFETs (High-side and Low-side). This "synchronous" switching significantly reduces power loss and improves efficiency, especially at high current loads. #### 3. Protection Circuitry To ensure the safety of expensive CPUs and components, the IC includes: * **Over-Voltage Protection (OVP):** Shuts down the controller if the output exceeds a safe threshold. * **Short-Circuit Protection:** Monitors current through the MOSFETs to prevent burnouts. * **Soft-Start:** Gradually increases the output voltage during power-up to prevent current spikes. #### 4. High-Current Gate Drivers The IC contains integrated drivers capable of providing the high peak currents necessary to quickly charge and discharge the gate capacitance of large external MOSFETs, facilitating fast switching and high efficiency. --- ### Functional Block Diagram Concepts In a typical circuit application, the LX1663ACD functions as follows: 1. **Input Sensing:** It monitors the input voltage levels. 2. **Error Amp:** It compares the output voltage against the internal DAC reference. 3. **PWM Logic:** It generates a square wave where the duty cycle is adjusted to maintain the target voltage. 4. **Driver Output:** It sends signals to the external MOSFETs to chop the 5V or 12V input into a lower, regulated DC voltage. --- ### Typical Applications * **Motherboards:** Powering Pentium II, Pentium III, and similar era processors. * **Voltage Regulator Modules (VRM):** Standalone modules that plug into boards to provide specialized power. * **Embedded Systems:** Industrial PCs requiring high-efficiency step-down conversion.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent modern replacements for the LX1663ACD?
    • ⤷ Can you explain the pinout configuration for the 16-pin SOIC package?
    • ⤷ How does the 5-bit DAC mapping correspond to specific output voltages?