Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LZ2012E4

  • AI
    The **LZ2012E4** is a high-performance **Multilayer Chip Ferrite Bead** manufactured by companies like Lattron or similar electronic component providers. It is primarily used for **Electromagnetic Interference (EMI)** suppression and noise filtering in high-density electronic circuits. --- ## 1. Technical Specifications The part number "2012" refers to the physical dimensions of the component in the metric system (0805 in Imperial). | Parameter | Specification | | :--- | :--- | | **Case Size (EIA/Metric)** | 0805 / 2012 | | **Dimensions (L x W x T)** | 2.0mm x 1.25mm x 0.85mm | | **Impedance (at 100MHz)** | Typically 600Ω (varies by specific sub-model) | | **DC Resistance (DCR)** | Max 0.3Ω - 0.4Ω | | **Rated Current** | 200mA - 400mA | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Key Features * **Monolithic Structure:** The internal silver printed layers and ferrite material are integrated into a single block, providing high reliability. * **Magnetic Shielding:** Its structure minimizes crosstalk and prevents electromagnetic interference from affecting neighboring components. * **High Frequency Performance:** It effectively converts high-frequency noise into heat, rather than reflecting it back into the circuit. * **Standard SMT Packaging:** Optimized for high-speed automated pick-and-place assembly. --- ## 3. Typical Applications The LZ2012E4 is found in various consumer electronics and industrial devices where signal integrity is critical: 1. **I/O Ports:** Filtering noise on USB, HDMI, or Ethernet lines. 2. **Power Supply Decoupling:** Removing high-frequency ripples from DC power lines to protect sensitive ICs. 3. **Digital Circuitry:** Preventing clock signals from generating unwanted EMI. 4. **Mobile Devices:** Used in smartphones and tablets to ensure clean audio and wireless transmission. --- ## 4. Impedance vs. Frequency Characteristic The "E" in the part number often denotes the specific frequency response curve. Unlike a standard inductor, the ferrite bead acts as a **resistor** at high frequencies, which allows it to dampen oscillations and noise without causing resonance. ```python # Conceptual representation of Ferrite Bead behavior def get_impedance(frequency_mhz): if frequency_mhz < 10: return "Low (Inductive)" elif 100 <= frequency_mhz <= 500: return "Peak (Resistive / Effective Filtering)" else: return "High (Capacitive Roll-off)" ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a ferrite bead and a standard inductor?
    • ⤷ How do I choose the correct impedance value for my circuit?
    • ⤷ Can the LZ2012E4 be used in high-current power lines?