Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M-10-R

  • AI
    The **M-10-R** typically refers to a high-precision, industrial-grade **Single-Axis Robot** or **Linear Actuator** (often manufactured by companies like MISUMI or various CNC component suppliers). These units are used in automated assembly lines, precision positioning, and laboratory automation. Below is an explanation of the core electronic components and systems associated with an M-10-R linear module. --- ### 1. Core Electronic Components The functionality of the M-10-R relies on a synergy between the motor, sensors, and the external controller. | Component | Description | Function | | :--- | :--- | :--- | | **Drive Motor** | Usually a NEMA 23 Stepper or a 100W/200W AC Servo. | Converts electrical pulses into mechanical rotation. | | **Optical Encoders** | Mounted on the rear of the motor. | Provides feedback on position and velocity to the controller. | | **Limit Switches** | Physical or proximity sensors at both ends of the rail. | Prevents "over-travel" and mechanical damage to the carriage. | | **Home Sensor** | A high-accuracy proximity or photo-interrupter. | Establishes the "Zero" reference point upon power-up. | --- ### 2. Control System Architecture To operate the M-10-R, an electronic control chain is required. The unit itself is the "Actuator," but it requires the following infrastructure: #### A. The Motion Controller (The Brain) This can be a PLC (Programmable Logic Controller), a dedicated Motion Control Card, or an Arduino/PC-based system. It sends signals (Pulse/Direction or Analog) to the driver. #### B. The Motor Driver (The Muscle) * **Input:** Low-voltage control signals. * **Output:** High-current electricity to the motor phases. * **Features:** Micro-stepping (for smoothness) and current regulation. #### C. Power Supply Typically, these systems operate on **24V DC** for logic and sensors, while the motor driver may require **24V to 48V DC** (for steppers) or **110V/220V AC** (for servos). --- ### 3. Wiring and Connectivity The electronic interface of the M-10-R generally involves a multi-core cable or separate connectors for: 1. **Power Leads:** Thick gauge wires for motor phases (A+/A- and B+/B-). 2. **Signal Leads:** Shielded twisted pairs for the Encoder (A, B, and Z phases). 3. **Sensor Logic:** Usually 3-wire NPN or PNP configurations for the sensors. ```yaml # Typical Sensor Pinout (NPN) Brown: +24V DC Blue: 0V (GND) Black: Signal Output (Normally Closed/Open) ``` --- ### 4. Technical Specifications (Electronic Performance) | Feature | Specification (Typical) | | :--- | :--- | | **Repeatability** | ±0.01mm to ±0.02mm | | **Max Speed** | 250mm/s to 1000mm/s (depending on lead screw pitch) | | **Sensor Logic** | NPN or PNP (Standard 24V) | | **Insulation Class** | Class E or Class B | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Stepper and Servo versions of the M-10-R?
    • ⤷ How do I wire the NPN limit sensors to a PLC?
    • ⤷ What are the maintenance requirements for the M-10-R electronic cables?