Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M-1113-R

  • AI
    The **M-1113-R** is a specific electronic component, most commonly associated with **high-frequency RF (Radio Frequency) power splitters/combiners** manufactured by companies like Mini-Circuits. It is designed to operate within the VHF/UHF frequency ranges. --- ### 1. General Specifications The M-1113-R is a passive device. Below is a summary of its typical electronic characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | 2-Way 0° Power Splitter/Combiner | | **Frequency Range** | 10 MHz to 500 MHz (Typical) | | **Impedance** | 50 Ohms | | **Configuration** | 8-Pin Header (Plug-in) | | **Insertion Loss** | 0.3 to 0.6 dB (above theoretical 3dB) | | **Isolation** | 25 dB to 35 dB (Typical) | --- ### 2. Key Electronic Functions #### A. Power Splitting The primary function is to take an input signal (at the "Sum" port) and divide it into two output signals. In the M-1113-R, these signals are **in-phase** (0-degree phase shift between outputs). #### B. Power Combining Because it is a passive linear device, it can work in reverse. You can feed two signals into the output ports, and they will be summed at the input port. #### C. High Isolation The internal circuitry (typically a transformer and a resistor network) ensures that the two output ports are isolated from each other. This prevents a signal mismatch or reflection on one port from significantly affecting the other. --- ### 3. Pin Configuration (Internal Layout) While you should always consult the specific manufacturer datasheet, the standard 8-pin plug-in layout for this series is as follows: | Pin Number | Function | | :--- | :--- | | **1** | Sum Port (Input) | | **2, 5** | Output 1 & Output 2 | | **3, 4, 7, 8** | Ground (Case Ground) | | **6** | Not Used (Internal connection) | --- ### 4. Common Applications * **Signal Distribution:** Splitting a single antenna feed to two separate receivers. * **Laboratory Testing:** Dividing a signal generator output to monitor the signal while simultaneously feeding a device under test (DUT). * **Communication Systems:** Used in base stations or VHF/UHF radio sets for signal routing.
    ✨ Follow-up Questions
    • ⤷ What are the power handling limits (Watts) for the M-1113-R?
    • ⤷ How does the 'R' suffix affect the component's environmental rating?
    • ⤷ What are the alternatives to the M-1113-R for frequencies above 1 GHz?