Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M-6-R/

  • AI
    The **M-6-R** typically refers to a high-precision **micro-robotic hexapod** (6-axis parallel positioning system) manufactured by companies like PI (Physik Instrumente). These systems are designed for sub-micron alignment and positioning. ### Electronic Components Overview The electronics of an M-6-R system are divided between the **actuators** (within the hexapod) and the **external controller**. --- ### 1. Internal Electronic Components These parts are integrated into the hexapod body itself. | Component | Description | Function | | :--- | :--- | :--- | | **DC Motors** | High-resolution micro-motors (usually 6 units). | Drives the lead screw of each leg. | | **Rotary Encoders** | Integrated optical or magnetic sensors. | Measures the motor rotation to calculate position. | | **Limit Switches** | Hall effect or mechanical micro-switches. | Prevents over-travel and defines the "Home" position. | | **Internal Wiring** | High-density flexible cabling. | Transmits power and feedback signals to the base connector. | ### 2. External Control Electronics The M-6-R cannot function without a dedicated motion controller (e.g., C-887). * **DSP (Digital Signal Processor):** Calculates the complex "Hexapod Coordinate Transformation." It converts X, Y, Z, Pitch, Roll, and Yaw commands into individual leg lengths. * **Servo Drivers:** Pulse-width modulation (PWM) amplifiers that deliver current to the 6 motors. * **PID Loop Controller:** Monitors encoder feedback in real-time to correct positioning errors. --- ### 3. Specifications of the Electronic Drive The performance of the M-6-R is defined by its electronic resolution: ```json { "drive_type": "DC Gear Motor", "encoder_type": "Optical / Incremental", "operating_voltage": "24V DC", "communication_interfaces": ["TCP/IP", "USB", "RS-232"] } ``` ### 4. Connectivity The system typically uses a **Sub-D 78-pin connector** or specialized high-density circular connectors to interface the 6 legs with the controller. This cable carries: 1. **Motor Power:** 12 lines (Positive/Negative for 6 motors). 2. **Encoder Signals:** A/B/Index channels for each leg. 3. **Sensor Power:** +5V for the encoders and limit switches. ---
    ✨ Follow-up Questions
    • ⤷ What are the coordinate transformation formulas used by the M-6-R controller?
    • ⤷ How does the encoder resolution affect the minimum incremental motion?
    • ⤷ Which specific PI controller model is most compatible with the M-6-R?