Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M-D4-R

  • AI
    The **M-D4-R** is typically a part number associated with industrial automation components, most notably used in **Safety Relay Modules** (specifically within the M-Series safety controller systems) or specialized **Optical Data Couplers**. Below is a detailed breakdown of the electronic parts and specifications commonly associated with this model. --- ### 1. General Specifications The M-D4-R acts as a logical or transmission interface. Depending on the specific manufacturer (such as Banner Engineering or Sick), the technical profile generally follows these parameters: | Component Type | Description | | :--- | :--- | | **Input Voltage** | Typically 24V DC (Standard Industrial) | | **Output Type** | Relay (Dry Contact) | | **Configuration** | 4-Channel or 4-Pin M12 Connection | | **Response Time** | < 20ms | | **Housing Material** | Polyamide / Ruggedized Plastic | --- ### 2. Core Electronic Components The internal circuitry of an M-D4-R unit consists of several critical stages: #### A. Power Regulation Stage * **Voltage Regulators:** Converts incoming 24V DC to stable 5V or 3.3V for internal logic chips. * **Reverse Polarity Protection:** Diodes placed at the input to prevent damage if the wiring is swapped. #### B. The Logic Controller * **Microcontroller (MCU):** Usually a low-power industrial-grade MCU that monitors input signals and manages the timing of the outputs. * **Optocouplers:** These provide **galvanic isolation** between the high-voltage/noisy industrial environment and the sensitive internal logic. #### C. Output Switching (The "R" in M-D4-R) * **Electromechanical Relays:** These are the physical switches that open or close the circuit. * **Snubber Circuits:** Capacitors and resistors placed across relay contacts to suppress electrical arcing and extend the life of the component. --- ### 3. Connection Pinout (M12 Style) Most M-D4-R units utilize an M12 4-pin connector. The electronic mapping is usually as follows: | Pin Number | Wire Color | Function | | :--- | :--- | :--- | | **1** | Brown | +24V DC Supply | | **2** | White | Input/Control Signal 1 | | **3** | Blue | 0V / Common Ground | | **4** | Black | Relay Output / Signal 2 | --- ### 4. Diagnostic Indicators The unit typically features onboard **LEDs** for real-time electronic troubleshooting: * **Green LED:** Indicates the internal power supply is healthy. * **Yellow/Amber LED:** Indicates the relay state (Active/Inactive). * **Red LED (if applicable):** Indicates a fault or short circuit in the wiring. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the M-D4-R relay?
    • ⤷ How does the optical isolation in this unit prevent electrical noise?
    • ⤷ Is the M-D4-R compatible with PNP or NPN input signals?