Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M-E1-R

  • AI
    The **M-E1-R** typically refers to a specific model of an **Edge Controller** or a **Smart I/O Module**, often associated with industrial automation brands like Brainboxes or similar PLC/IoT hardware providers. Below is an overview of the electronic components and technical specifications characteristic of this device. --- ## 1. Core Technical Specifications The M-E1-R is designed as an industrial-grade interface for monitoring and control. Its electronic architecture focuses on power efficiency and signal isolation. | Feature | Specification | | :--- | :--- | | **Input Channels** | 8 Digital Inputs | | **Input Type** | PNP (Source) or Contact Closure | | **Logic Low (0)** | 0V to +1V | | **Logic High (1)** | +3.5V to +30V | | **Power Supply** | +5V to +30V DC | | **Communication** | Ethernet (RJ45) | | **Operating Temp** | -30°C to +80°C | --- ## 2. Key Electronic Components ### A. Digital Input Circuitry The device features **Opto-isolated inputs**. This is a critical electronic safety feature: * **Optocouplers:** These prevent high-voltage spikes from the industrial machinery from reaching the sensitive microprocessor. It converts the incoming electrical signal into light and back to electricity, ensuring no direct electrical connection. * **Protection Diodes:** Integrated to prevent damage from reverse polarity or over-voltage. ### B. Microcontroller and Communication Stack The internal PCB (Printed Circuit Board) houses a low-power, high-reliability processor that manages the following: * **TCP/IP Stack:** Handles the Ethernet communication protocols (Modbus TCP, HTTP, etc.). * **Web Server:** An onboard chip stores a small web interface used for configuration via a browser. * **Watchdog Timer:** A hardware circuit that automatically resets the device if the software hangs, ensuring 24/7 uptime. ### C. Power Management The M-E1-R utilizes a **Switching Regulator** rather than a linear one. This allows it to accept a wide range of voltages (5V-30V) while maintaining high efficiency and low heat output, which is vital for fanless industrial enclosures. --- ## 3. Physical Interface and Connectivity The electronic interface is standardized for DIN rail mounting and industrial wiring: * **Terminal Blocks:** Screw-type or push-in headers for secure connection to sensors. * **LED Indicators:** * **Status LED:** Indicates power and system health. * **Link/Activity LED:** Integrated into the RJ45 port for network status. * **IO LEDs:** Individual LEDs indicating the state (On/Off) of each input channel. --- ## 4. Example Application Circuit If you are connecting a sensor to the M-E1-R, the typical wiring logic follows this structure: ```markdown [Sensor Output] ----> [M-E1-R Terminal (In 0-7)] [Power Supply V+] ---> [M-E1-R V+ Terminal] [Power Supply 0V] ---> [M-E1-R GND & Sensor Common] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific Modbus registers used for the M-E1-R?
    • ⤷ How do I configure the IP address for this device?
    • ⤷ Does the M-E1-R support Power over Ethernet (PoE)?