Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2-R

  • AI
    The **M2-R** typically refers to a high-performance **GPS/GNSS receiver module** or a specific **solid-state drive (SSD) heat sink/controller** configuration, depending on the industry context. Most commonly, it refers to the **Reach M2-R** or specific **M.2** electronic components. Below is an explanation of the electronic architecture and parts commonly associated with M2-R high-precision electronic modules. --- ## 1. Core Electronic Components The "M2-R" architecture (specifically in GNSS/RTK applications) relies on several critical integrated circuits (ICs) and hardware layers: | Component Type | Part/Description | Function | | :--- | :--- | :--- | | **SoC / Processor** | ARM Cortex-A7 or similar | Handles signal processing and RTK calculations. | | **GNSS Chipset** | Multi-band (L1, L2) Receiver | Tracks satellites (GPS, GLONASS, BeiDou, Galileo). | | **Power Management** | PMIC / Voltage Regulators | Converts input voltage (usually 5V) to stable 3.3V/1.8V. | | **Storage** | eMMC / Flash Memory | Stores logs, firmware, and RINEX data. | | **Interface** | UART / USB / I2C | Communication protocols for external data transfer. | --- ## 2. Detailed Hardware Breakdown ### A. The Signal Processing Unit In M2-R devices, the electronic heart is the **RF Front-End**. This part is responsible for: * **Filtering:** Using SAW (Surface Acoustic Wave) filters to remove electronic noise. * **Amplification:** Utilizing LNAs (Low Noise Amplifiers) to boost weak satellite signals. ### B. Connectivity & Ports The "M2" form factor refers to the physical connector. Key electronic pins include: * **VCC/GND:** Power supply pins. * **TX/RX:** Serial communication for NMEA data output. * **PPS (Pulse Per Second):** A high-precision timing signal used in synchronization. ### C. Antenna Interface The electronic path includes a **U.FL or MMCX connector**. This is a miniature RF connector that requires impedance matching (usually 50 Ohms) to prevent signal reflection. --- ## 3. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 4.75V – 5.5V | | **Peak Current** | ~200mA | | **Operating Temp** | -20°C to +65°C | | **Radio Frequency** | L1/L2 or L1/L5 | | **Data Update Rate** | Up to 10Hz - 20Hz | --- ## 4. Maintenance and Protection Electronic parts in the M2-R are sensitive to: 1. **ESD (Electrostatic Discharge):** Requires handling in grounded environments. 2. **Thermal Throttling:** The high-speed processor generates heat; often requires a copper or aluminum heat sink. 3. **EMI (Electromagnetic Interference):** Often shielded by a metal "can" or Faraday cage on the PCB to prevent interference from nearby Wi-Fi or cellular signals.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M2 and M2-R versions?
    • ⤷ How do I wire an M2-R to a flight controller?
    • ⤷ What are the power requirements for stable M2-R operation?