Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2125G-AF5-R

  • AI
    The **M2125G-AF5-R** is a specific electronic component, typically identified as a **Low Dropout (LDO) Linear Voltage Regulator**. This part is commonly manufactured by UTC (Unisonic Technologies Co., Ltd). Below is a detailed breakdown of its electronic characteristics, naming convention, and technical specifications. --- ### 1. Part Number Breakdown The suffix and prefix provide specific details regarding its packaging and electrical configuration: | Code Segment | Meaning | | :--- | :--- | | **M2125** | Series model number (LDO Regulator) | | **G** | Halogen-free and Lead-free (Green product) | | **AF5** | Package Type (typically SOT-25 / SOT-23-5) | | **R** | Tape and Reel (Packaging method) | --- ### 2. Technical Specifications While exact parameters can vary slightly by batch, the M2125G series generally follows these specifications: * **Type:** CMOS Low Dropout Regulator. * **Output Voltage:** Fixed output (The specific voltage is often indicated by a sub-code, but M2125 is generally a 300mA to 500mA class regulator). * **Input Voltage Range:** Usually supports up to 6V. * **Quiescent Current:** Very low (Ideal for battery-powered devices). * **Dropout Voltage:** Low (approx. 200mV - 400mV depending on load). * **Protection Features:** * Thermal Shutdown. * Current Limiting. * Short Circuit Protection. --- ### 3. Pin Configuration (SOT-25/SOT-23-5) In the AF5 (SOT-23-5) package, the pinout is typically organized as follows: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BP** | No connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Common Applications This part is designed for portable, battery-operated electronics where space and power efficiency are critical: * **Mobile Phones:** Powering internal sensors. * **Portable Media Players:** Providing stable voltage to DACs. * **Bluetooth Modules:** Low-noise power supply for RF components. * **Battery Chargers:** Voltage regulation in charging circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact fixed output voltage for the AF5-R variant?
    • ⤷ Can you provide a circuit diagram example for an LDO regulator?
    • ⤷ What are the equivalents or alternatives to the M2125G?