Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M22-LED-R

  • AI
    ### Analysis of the M22-LED-R Electronic Component The **M22-LED-R** is a high-performance LED element used in industrial automation and control panels. It is part of the **RMQ-Titan M22** series manufactured by **Eaton** (formerly Moeller). This specific part is designed as a modular light source for pilot devices. --- ### Technical Specifications The following table outlines the core electronic and mechanical parameters: | Parameter | Specification | | :--- | :--- | | **Color** | Red (LED) | | **Series** | M22 RMQ-Titan | | **Rated Operational Voltage ($U_e$)** | 12 - 30 V AC/DC | | **Rated Operational Current ($I_e$)** | 8 - 15 mA | | **Power Consumption** | 0.26 W (at 24 V) | | **Lifespan** | 100,000 hours at 25°C | | **Mounting Type** | Front fixing (Snap-on) | | **Connection Type** | Screw terminals (standard) | --- ### Key Features and Electronic Design 1. **Integrated Polarity Protection**: The internal circuitry is designed to handle DC inputs without damage if wired incorrectly, and it functions seamlessly on AC frequencies (50/60 Hz). 2. **Vibration Resistance**: Unlike traditional incandescent bulbs, the solid-state LED construction is immune to mechanical vibrations, making it ideal for heavy machinery. 3. **Low Heat Dissipation**: Due to the low current draw (max 15mA), the heat generated is negligible, preventing damage to the plastic housing of the pushbutton or indicator lens. 4. **Modular Interface**: It is designed to be clipped onto an M22-A fixing adapter. --- ### Connection Diagram (Conceptual) The device typically uses two terminals labeled **X1** and **X2**. ```text [ Power Source + / L ] ---- (X1) [ Internal Current Limiter ] (X2) ---- [ Power Source - / N ] | [ Red LED Die ] ``` ### Environmental Ratings * **Degree of Protection**: IP20 (Terminals) * **Ambient Temperature**: -25°C to +70°C * **Climate Proofing**: Damp heat, constant, to IEC 60068-2-78 ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M22-LED-R and the M22-LEDC-R?
    • ⤷ Can this LED element be used with a 110V AC power supply?
    • ⤷ What fixing adapter is required to mount this to a pushbutton?