Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M24C01-RMB6T/G

  • AI
    ## Technical Overview: M24C01-RMB6T/G The **M24C01-RMB6T/G** is a specific variant of the M24C01 family of serial $I^2C$ EEPROM (Electrically Erasable Programmable Read-Only Memory) devices manufactured by **STMicroelectronics**. It is designed for low-power, non-volatile data storage applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (128 bytes x 8 bits) | | **Interface** | $I^2C$ (Inter-Integrated Circuit) | | **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Write Cycles** | 4 Million (approximate) | | **Data Retention** | 200 Years | --- ### 2. Detailed Electronic Characteristics #### A. Memory Architecture * **Organization:** The memory is organized as 128 bytes of 8 bits each. * **Page Write:** It supports a page write buffer of up to **16 bytes**, allowing multiple bytes to be written in a single $I^2C$ write cycle to improve efficiency. #### B. $I^2C$ Communication Protocol * **Device Address:** The device uses a fixed 7-bit slave address. For the M24C01, the typical control byte is `1010` followed by chip enable bits. * **Bidirectional Data:** Uses two lines: **SDA** (Serial Data) and **SCL** (Serial Clock). * **Schmitt Trigger Inputs:** The inputs are equipped with Schmitt triggers for noise filtering to ensure stable data transmission. #### C. Power Management * **Ultra-Low Power:** It features a low operating current (typically less than 1 mA for read/write) and an extremely low standby current (around 1 $\mu$A). * **Write Protection:** Includes a **WP** (Write Control) pin. When connected to $V_{CC}$, it prevents any write operations to the memory, providing hardware-level data security. --- ### 3. Pin Configuration (UFDFPN8) | Pin # | Symbol | Description | | :--- | :--- | :--- | | 1-3 | E0, E1, E2 | Chip Enable (Address Inputs) | | 4 | $V_{SS}$ | Ground | | 5 | SDA | Serial Data | | 6 | SCL | Serial Clock | | 7 | WC | Write Control (Active High) | | 8 | $V_{CC}$ | Supply Voltage | --- ### 4. Part Number Breakdown Understanding the suffix **RMB6T/G**: * **R**: Operating voltage range (1.8V to 5.5V). * **MB**: Package code for **UFDFPN8** (2x3 mm). * **6**: Temperature range (-40 to 85 °C). * **T**: Shipping method (Tape & Reel). * **G**: ECOPACK2 (RoHS compliant and Halogen-free). ---
    ✨ Follow-up Questions
    • ⤷ How does the Write Control (WC) pin function in a real-world circuit?
    • ⤷ What are the common pull-up resistor values for the SDA and SCL lines at 400kHz?
    • ⤷ Can this EEPROM be used in automotive applications
    • ⤷ or is there a specific AEC-Q100 version?