M24C02-RBN3TP
AI

## Technical Overview: M24C02-RBN3TP
The **M24C02-RBN3TP** is a 2-Kbit (256 x 8-bit) serial I²C bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is a non-volatile memory chip used primarily for parameter storage in electronic devices.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 bytes) |
| **Interface** | I²C (Inter-Integrated Circuit) |
| **Clock Frequency** | 400 kHz (Standard I²C) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Package Type** | PDIP8 (Plastic Dual In-line Package) |
| **Operating Temperature** | -40°C to +125°C |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Pin Configuration (PDIP8)
The M24C02 uses a standard 8-pin layout common to most I²C EEPROMs:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1, 2, 3 | E0, E1, E2 | Chip Enable inputs (used to set the device address) |
| 4 | Vss | Ground |
| 5 | SDA | Serial Data (bidirectional) |
| 6 | SCL | Serial Clock |
| 7 | WC | Write Control (Hardware Write Protection) |
| 8 | Vcc | Supply Voltage |
---
### 3. Functional Features
* **Byte and Page Write:** It supports writing a single byte or a page of up to 16 bytes.
* **Write Protection:** The `WC` pin provides hardware protection. If tied to Vcc, the entire memory becomes read-only. If tied to Vss, the memory is writable.
* **Low Power Consumption:** Designed for battery-operated applications, featuring low active current and ultra-low standby current.
* **Schmitt Trigger Inputs:** Used for noise filtering on the SCL and SDA lines to ensure stable communication.
---
### 4. Part Number Breakdown: M24C02-RBN3TP
Understanding the nomenclature helps in identifying specific variants:
1. **M24**: I²C family of EEPROMs.
2. **C02**: 2-Kbit capacity.
3. **-R**: Range of supply voltage (1.8V to 5.5V).
4. **BN**: PDIP8 package.
5. **3**: Range 3 temperature (-40 to +125 °C).
6. **TP**: Tape and Reel packing (though usually applied to SMD; for PDIP, this may indicate specific tube/tray options or lead-free finishes).
---
### 5. Common Applications
* **Consumer Electronics:** Storing user preferences or calibration data in TVs and monitors.
* **Industrial:** Storing serial numbers, MAC addresses, or event logs.
* **Computing:** SPD (Serial Presence Detect) on memory modules.
- ⤷
How does the Write Control (WC) pin behave if left floating?
- ⤷ What is the difference between the M24C02 and the M24C04 in terms of addressing?
- ⤷ Can this chip operate at 1MHz Fast Mode Plus I2C speeds?