Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M24C02-RCT5TP/S

  • AI
    ## Technical Overview of M24C02-RCT5TP/S The **M24C02-RCT5TP/S** is a specialized 2-Kbit serial I2C bus EEPROM (Electrically Erasable Programmable Read-Only Memory). It is widely used in consumer electronics, industrial controllers, and telecommunications for storing configuration settings and small amounts of data. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Memory Size** | 2 Kbit (256 bytes organized as 32 blocks of 8 bytes) | | **Interface** | I2C (Inter-Integrated Circuit) | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Operating Voltage** | 1.8V to 5.5V | | **Write Cycles** | More than 1 million write cycles | | **Data Retention** | More than 40 years | | **Package Type** | SOT23-5 (Small Outline Transistor) | --- ### 2. Functional Electronic Components The device consists of several internal functional blocks that manage data storage and communication: 1. **EEPROM Array:** The core storage cells where data is physically kept. 2. **I2C Control Logic:** Manages the serial communication protocol, including Start/Stop bit detection and device addressing. 3. **Address Registers:** Stores the current memory address being accessed. 4. **Write Control Logic:** Manages the high-voltage generation required to program the EEPROM cells and handles the self-timed write cycle (typically 5ms). 5. **Input/Output Buffer:** Temporarily holds data being shifted in or out of the serial bus. --- ### 3. Pin Configuration (SOT23-5) Since this specific part uses a 5-pin package, the pinout is typically arranged as follows: | Pin Number | Name | Description | | :--- | :--- | :--- | | **1** | **SCL** | Serial Clock Input | | **2** | **Vss** | Ground (0V) | | **3** | **SDA** | Serial Data (Bidirectional, Open Drain) | | **4** | **Vcc** | Supply Voltage (1.8V - 5.5V) | | **5** | **WC** | Write Control (Hardware Write Protect) | --- ### 4. Communication Protocol Code Example To interact with the M24C02 using a microcontroller (like an Arduino or STM32), you generally use standard I2C commands. Below is a conceptual example of how to write a byte: ```cpp // Pseudocode for writing 0xAB to memory address 0x10 Wire.beginTransmission(0x50); // Device I2C Address Wire.write(0x10); // Target Memory Address Wire.write(0xAB); // Data to write Wire.endTransmission(); // Stop condition delay(5); // Wait for internal write cycle ``` --- ### 5. Part Number Breakdown (Suffix Meaning) * **M24:** Standard I2C Serial EEPROM family. * **C02:** 2 Kbit density. * **R:** 1.8V to 5.5V operating voltage range. * **CT:** SOT23-5 package. * **5:** Temperature range (-40 to +85 °C). * **TP/S:** Tape and Reel packaging with specific manufacturer process markings. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M24C02 and the M24C04 in terms of addressing?
    • ⤷ How does the 'Write Control' (WC) pin function for data protection?
    • ⤷ Is this EEPROM compatible with 3.3V and 5V logic levels simultaneously?