Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M24C02-RMB3T

  • AI
    ## Overview of the M24C02-RMB3T The **M24C02-RMB3T** is a 2-Kbit serial I²C (Inter-Integrated Circuit) Electrically Erasable Programmable Read-Only Memory (EEPROM). It is manufactured by STMicroelectronics and is designed for low-power, low-voltage applications. --- ### 1. Key Technical Specifications The following table highlights the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 x 8 bits) | | **Interface** | I²C (Serial 2-Wire) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (Ultra-thin Dual Flat No-lead) | | **Operating Temperature** | -40°C to +125°C | | **Write Cycles** | 4 million cycles (Minimum) | | **Data Retention** | 200 years | --- ### 2. Pin Configuration (UFDFPN8) The device typically uses a small footprint 8-pin package. Below is the standard pinout functional description: | Pin Number | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | Input | Chip Enable (Address lines to allow multiple chips on one bus) | | 4 | Vss | Ground | 0V Ground reference | | 5 | SDA | I/O | Serial Data line (Open-drain) | | 6 | SCL | Input | Serial Clock line | | 7 | WC | Input | Write Control (Hardware protection) | | 8 | Vcc | Power | Supply voltage | --- ### 3. Core Electronic Functionalities #### A. I²C Protocol Communication The chip operates as a **Slave** device on the I²C bus. It requires a start condition, a device select code (address), and an acknowledgment (ACK) for every 8 bits transferred. #### B. Hardware Write Protection (WC) The **WC** pin provides a way to protect the memory contents: * **WC = High (Vcc):** The entire memory block is write-protected. * **WC = Low (Vss):** Write operations are permitted. #### C. Page Write Mode The M24C02-RMB3T allows up to **16 bytes** to be written in a single write cycle, significantly improving the speed of data storage compared to byte-by-byte writing. #### D. Low Voltage Operation The "R" suffix in the part number indicates a wide supply voltage range (1.8V to 5.5V), making it ideal for battery-powered devices like smartphones, wearables, and IoT sensors. --- ### 4. Typical Application Circuit ```mermaid graph LR Vcc(1.8V-5.5V) --- R1[Pull-up] --- SDA Vcc(1.8V-5.5V) --- R2[Pull-up] --- SCL MCU(Microcontroller) --- SCL MCU(Microcontroller) --- SDA SDA --- EEPROM[M24C02-RMB3T] SCL --- EEPROM ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific differences between the M24C02-R and the M24C02-W versions?
    • ⤷ How do I calculate the pull-up resistor values for the SDA and SCL lines?
    • ⤷ What is the maximum power consumption of this chip during a Write cycle?