Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M24C32-RMB3

  • AI
    ## M24C32-RMB3: Technical Overview The **M24C32-RMB3** is a 32-Kbit serial I²C (Inter-Integrated Circuit) EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is designed for low-power, low-voltage applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) | | **Interface** | I²C Serial (2-wire) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) | | **Write Cycle Time** | 5 ms (Max) | | **Endurance** | 4 million write cycles | | **Data Retention** | 200 years | | **Operating Temp** | -40°C to +125°C | --- ### 2. Package and Part Suffix Breakdown The suffix **"RMB3"** provides specific details about the physical and environmental characteristics: * **M24C32**: Device family (32 Kbit I²C EEPROM). * **-R**: Indicates the device operates in the **1.8V to 5.5V** range. * **MB**: Refers to the **UFDFPN8** package (Ultra-thin Fine pitch Dual Flat No-lead, 2x3 mm). This is a very small, surface-mount package ideal for compact mobile devices. * **3**: Indicates the **Automotive Grade 3** temperature range (-40°C to +125°C). --- ### 3. Functional Features * **Byte and Page Write:** Supports writing a single byte or a page of up to 32 bytes at a time. * **Hardware Write Protection:** Includes a "Write Control" (WC) pin. When held high, the entire memory becomes read-only, preventing accidental data corruption. * **Random and Sequential Read:** Data can be read starting from a specific address or sequentially through the entire memory map. * **Schmitt Triggers:** Inputs are filtered for noise suppression to ensure stable communication in noisy electronic environments. --- ### 4. Typical Applications The M24C32-RMB3 is commonly used in scenarios where small amounts of non-volatile data need to be stored reliably: * **Consumer Electronics:** Storing calibration data in cameras or smartphones. * **Automotive:** Storing configuration parameters or error logs in modules. * **Industrial:** Asset tracking and sensor calibration constants. * **Medical:** Patient settings in portable medical devices. --- ### 5. Simple Connection Diagram (I²C) ```cpp // Schematic representation of pin connections [ MCU ] [ M24C32-RMB3 ] SDA <---------------> SDA (Serial Data) SCL <---------------> SCL (Serial Clock) GND <---------------> VSS (Ground) 3.3V <--------------> VCC (Power) GND <---------------> WC (Write Control - Disables Protection) ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between M24C32 and M24C64 variants?
    • ⤷ How do I implement the I2C addressing for multiple M24C32 chips on one bus?
    • ⤷ Can you provide a C code snippet for writing a byte to this EEPROM?