Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M24C32-RMB5TGA

  • AI
    The **M24C32-RMB5TGA** is a specific variant of the M24C32 family of Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. It is widely used for parameter storage in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) | | **Interface** | I²C (Two-wire serial interface) | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Package Type** | UFDFPN5 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +85°C | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | 200 Years | --- ### 2. Detailed Component Breakdown #### A. Memory Architecture The device is organized as 4,096 bytes. It uses a page-write structure, allowing up to **32 bytes** to be written in a single instruction cycle, which significantly improves write efficiency compared to byte-by-byte writing. #### B. The I²C Protocol The part operates as a slave on the I²C bus. It requires: * **SCL (Serial Clock):** Controls the data flow. * **SDA (Serial Data):** Bi-directional line for addresses and data. * **Device Address:** It usually has a hardcoded prefix (`1010`), followed by configurable address bits to allow multiple EEPROMs on the same bus. #### C. Write Protection This specific series includes a **Write Control (WC)** pin. * If **WC** is high (Vcc), the entire memory becomes read-only, protecting data from accidental corruption. * If **WC** is low (GND), the memory is writable. --- ### 3. Decoding the Part Number (M24C32-RMB5TGA) Understanding the suffix helps in identifying physical and electrical characteristics: | Code | Meaning | | :--- | :--- | | **M24** | I²C Serial Access EEPROM | | **C32** | 32 Kbit capacity | | **-R** | Voltage range: 1.8V to 5.5V | | **MB** | Package: UFDFPN5 (DFN5) | | **5** | Temperature range: Industrial (-40°C to +85°C) | | **TG** | Packing: Tape & Reel | | **A** | Automotive or Enhanced reliability process (Specific to ST nomenclature) | --- ### 4. Implementation Example (C++ Pseudo-code) To read a byte from this EEPROM using an Arduino-style I²C library: ```cpp #include #define EEPROM_ADDR 0x50 // Base I2C address uint8_t readEEPROM(uint16_t address) { uint8_t data = 0xFF; Wire.beginTransmission(EEPROM_ADDR); Wire.write((int)(address >> 8)); // MSB of memory address Wire.write((int)(address & 0xFF)); // LSB of memory address Wire.endTransmission(); Wire.requestFrom(EEPROM_ADDR, 1); if (Wire.available()) data = Wire.read(); return data; } ```
    ✨ Follow-up Questions
    • ⤷ How does the UFDFPN5 package differ from a standard SO8 package?
    • ⤷ What are the power consumption levels in Standby mode for this device?
    • ⤷ Can I use this EEPROM on a 3.3V system without level shifters?