Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M24C32-RMB6TG

  • AI
    ## M24C32-RMB6TG Technical Overview The **M24C32-RMB6TG** is a 32-Kbit serial I²C Bus EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is designed for low-voltage applications requiring reliable non-volatile data storage. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,000 x 8 bits) | | **Interface** | I²C (Serial 2-Wire) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +85°C | | **Write Cycles** | 4 million cycles (at 25°C) | | **Data Retention** | 200 Years | --- ### 2. Functional Pins (UFDFPN8 Package) The device typically uses 8 pins to facilitate communication and power management: 1. **E0, E1, E2 (Address Inputs):** Used to set the hardware chip address, allowing up to 8 devices to share the same I²C bus. 2. **SDA (Serial Data):** Bi-directional pin used to transfer data in and out of the device. 3. **SCL (Serial Clock):** Used to synchronize the data transfer. 4. **WC (Write Control):** A hardware protection pin. If connected to $V_{CC}$, write operations are inhibited. If connected to $V_{SS}$ (Ground), write operations are enabled. 5. **Vcc / Vss:** Power supply and Ground pins. --- ### 3. Core Features * **Byte and Page Write:** Supports writing a single byte or a page of up to 32 bytes in a single write cycle. * **Random and Sequential Read:** Data can be read from any specific address or sequentially through the entire memory map. * **Low Power Consumption:** * Active Read Current: < 1 mA * Standby Current: < 3 µA (at 1.8V) * **Self-Timed Write Cycle:** The internal write cycle is triggered automatically and typically completes within 5ms. --- ### 4. Part Number Breakdown: `M24C32-RMB6TG` | Code | Meaning | | :--- | :--- | | **M24** | I²C Serial Access EEPROM | | **C32** | 32 Kbit Capacity | | **-R** | Voltage Range: 1.8V to 5.5V | | **MB** | Package: UFDFPN8 (MLP8) | | **6** | Temperature Range: -40 to 85 °C | | **TG** | Packing: Tape and Reel, Green (RoHS compliant) | --- ### 5. Application Use Cases * **Consumer Electronics:** Storing user preferences, calibration data, and device settings. * **Industrial:** Parameter logging and configuration storage in sensors. * **Medical:** Storing patient IDs or historical usage data in portable devices.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M24C32-R and the M24C32-F series?
    • ⤷ How do you calculate the I2C slave address for this chip using the E0-E2 pins?
    • ⤷ What are the pull-up resistor requirements for the SDA and SCL lines?