Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M24C32-RMB6TP

  • AI
    The **M24C32-RMB6TP** is a specific variant of the 32-Kbit serial I2C EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is widely used for parameter storage in consumer electronics, industrial sensors, and medical devices. --- ### 1. Key Technical Specifications The technical parameters define how the chip operates within a circuit. | Parameter | Specification | | :--- | :--- | | **Memory Size** | 32 Kbits (4096 x 8 bits) | | **Interface** | I2C (Serial 2-Wire) | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz | | **Operating Voltage** | 1.8V to 5.5V | | **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Fine Pitch Dual Flat No-lead | | **Write Cycles** | 4 million cycles (at 25°C) | | **Data Retention** | 200 Years | | **Operating Temp** | -40°C to +85°C | --- ### 2. Pinout Configuration (UFDFPN8) The device typically uses an 8-pin layout. Understanding the pin functions is critical for PCB design. 1. **E0, E1, E2 (Address Inputs):** Used to define the device's hardware address. This allows up to 8 M24C32 devices to be connected to the same I2C bus. 2. **VSS:** Ground. 3. **SDA (Serial Data):** Bi-directional pin used to transfer data in and out. 4. **SCL (Serial Clock):** Used to synchronize data movements. 5. **WC (Write Control):** A hardware protection pin. If tied to VCC, write operations are inhibited (read-only mode). If tied to VSS, the device is write-enabled. 6. **VCC:** Supply Voltage. --- ### 3. Core Features & Functionality #### I2C Communication The device acts as a **slave** on the I2C bus. It supports "Byte Write" and "Page Write" (up to 32 bytes at a time). #### Write Protection The **WC (Write Control)** pin provides a layer of security against accidental data corruption. When high, the entire memory becomes protected. #### Low Power Consumption * **Active Read Current:** 2 mA (max) * **Standby Current:** 1 μA (max) This makes it ideal for battery-operated devices. --- ### 4. Implementation Example (C++ Pseudo-code) To interface with this chip using an Arduino or similar microcontroller, you would typically use the `Wire.h` library. ```cpp #include #define EEPROM_ADDR 0x50 // Base I2C address for M24C32 void writeEEPROM(uint16_t address, uint8_t data) { Wire.beginTransmission(EEPROM_ADDR); Wire.write((int)(address >> 8)); // MSB of memory address Wire.write((int)(address & 0xFF)); // LSB of memory address Wire.write(data); Wire.endTransmission(); delay(5); // Minimum write cycle time } ``` --- ### 5. Application Areas * **Module Identification:** Storing serial numbers and hardware versions. * **Calibration Data:** Storing sensor offset values. * **User Preferences:** Storing volume levels, language settings, or Wi-Fi credentials in IoT devices.
    ✨ Follow-up Questions
    • ⤷What is the difference between the M24C32-R and the M24C32-W versions?
    • ⤷ How do you calculate the I2C address if E0 and E1 are tied to High?
    • ⤷ What is the maximum page write time for this EEPROM?