Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M24C64-RMB3TP/B

  • AI
    ## Technical Overview of M24C64-RMB3TP/B The **M24C64-RMB3TP/B** is a high-performance 64-Kbit serial I²C bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is designed for low-voltage applications and is commonly used for parameter storage in portable electronics. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 64 Kbit (8,192 x 8 bits) | | **Interface** | I²C (Two-Wire) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode), 1 MHz (Fast Mode Plus) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +125°C | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | More than 200 years | --- ### 2. Functional Components The internal architecture consists of several critical blocks: * **Memory Array:** The 64Kb storage space organized into 256 pages of 32 bytes each. * **I²C Control Logic:** Manages the communication protocol, including Start/Stop conditions, device addressing, and acknowledgment bits (ACK/NACK). * **Address Register:** A 16-bit register (though only 13 bits are used for 64Kb) that tracks the current byte location for read/write operations. * **Write Protection (WC):** A hardware pin that, when driven High, protects the entire memory contents from being overwritten. --- ### 3. Pin Configuration (UFDFPN8) | Pin Name | Function | Description | | :--- | :--- | :--- | | **E0, E1, E2** | Chip Enable | Used to define the device's I²C address (allows up to 8 devices on the same bus). | | **SDA** | Serial Data | Bidirectional pin used to transfer data in and out. | | **SCL** | Serial Clock | Input pin used to synchronize data transfer. | | **WC** | Write Control | Hardware protection pin. Connect to VSS for normal write operations. | | **VCC / VSS** | Power / Ground | Supply voltage (1.8V - 5.5V) and reference ground. | --- ### 4. Implementation Details #### Software Addressing To access the device, the master must send an 8-bit Device Select Code: 1. **Fixed Code:** `1010` (Binary) 2. **Select Pins:** `E2, E1, E0` (Matching hardware pin states) 3. **R/W Bit:** `0` for Write, `1` for Read. #### Code Snippet (Example C for I²C Initialization) ```c // Example: Writing a byte to address 0x0010 void EEPROM_Write(uint16_t memAddress, uint8_t data) { I2C_Start(); I2C_Send_Byte(0xA0); // Device Address + Write bit I2C_Send_Byte(memAddress >> 8); // High Address Byte I2C_Send_Byte(memAddress & 0xFF); // Low Address Byte I2C_Send_Byte(data); // Data to store I2C_Stop(); Delay_ms(5); // Internal write cycle time } ``` --- ### 5. Part Number Breakdown * **M24:** I²C Family * **C64:** 64 Kbit capacity * **-R:** 1.8V to 5.5V operating voltage * **MB:** UFDFPN8 package (2x3 mm) * **3:** Range 3 temperature (-40 to +125°C) * **TP:** Tape and Reel packaging * **/B:** Process technology version
    ✨ Follow-up Questions
    • ⤷ What are the differences between M24C64-R and M24C64-W variants?
    • ⤷ How does the Page Write mode improve efficiency compared to Byte Write?
    • ⤷ Can this EEPROM be used in automotive applications based on its temperature rating?