Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M24C64-RMB5TPA

  • AI
    The **M24C64-RMB5TG** (noting the common suffix variant for tape and reel packaging) is a 64-Kbit serial I2C bus EEPROM produced by STMicroelectronics. It is widely used in electronics for non-volatile data storage in space-constrained applications. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Memory Size** | 64 Kbit (8,192 x 8 bits) | | **Interface** | I2C (Serial) | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Operating Temperature** | -40°C to +85°C | | **Write Cycle Time** | 5 ms (Maximum) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | --- ## 2. Key Internal Components & Architecture ### Memory Array The device is organized as **8192 bytes of 8 bits each**. It is divided internally into **32-byte pages**. This allows for efficient writing, as you can write a single byte or a full page in one 5ms cycle. ### Control Logic * **I2C Interface Block:** Handles the Start/Stop conditions, device addressing, and data acknowledgment (ACK/NACK). * **Write Protection (WC):** A hardware pin (Write Control) that, when held high, prevents write operations to the memory, protecting data from accidental corruption. * **Address Inputs (E0, E1, E2):** These pins allow you to hardware-address up to 8 different M24C64 devices on the same I2C bus. --- ## 3. Pin Configuration For the **UFDFPN8** package commonly associated with the RMB5 suffix: | Pin | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1 | E0 | Input | Chip Enable (Address bit 0) | | 2 | E1 | Input | Chip Enable (Address bit 1) | | 3 | E2 | Input | Chip Enable (Address bit 2) | | 4 | Vss | Supply | Ground | | 5 | SDA | I/O | Serial Data | | 6 | SCL | Input | Serial Clock | | 7 | WC | Input | Write Control (Active High) | | 8 | Vcc | Supply | Power Supply | --- ## 4. Usage Considerations ### Low Power Operation The "R" in the part number indicates a specific voltage range (1.8V to 5.5V), making it ideal for battery-powered devices. In standby mode, the current consumption drops to less than **2 µA**. ### Page Write Buffering When programming the chip, if you write more than 32 bytes in a single burst, the internal address counter will "roll over" to the beginning of the current page, potentially overwriting previous data. ### Pull-up Resistors Because the SDA and SCL lines are **open-drain**, you must include external pull-up resistors (typically 4.7kΩ to 10kΩ) on the PCB to ensure the signals return to a logical high state. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M24C64 and the M24C32 models?
    • ⤷ How does the Write Control (WC) pin function during a firmware update?
    • ⤷ What is the recommended I2C pull-up resistor value for 1MHz operation?