Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M24M01-RMW6TP

  • AI
    ## Technical Overview of M24M01-RMW6TP The **M24M01-RMW6TP** is a high-capacity, low-power Serial I²C (Inter-Integrated Circuit) EEPROM manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in consumer electronics, industrial sensors, and medical devices. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Memory Size** | 1 Megabit (1,024 Kbits / 128 Kbytes) | | **Interface** | I²C (Two-Wire) | | **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Package Type** | SO8N (8-lead Small Outline, 150 mils width) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Write Cycles** | 4 Million cycles (typical) | | **Data Retention** | 200 Years | --- ### 2. Internal Architecture & Logic The memory is organized internally as **131,072 words of 8 bits each** (128 KB). Communication is handled via the Serial Data (SDA) and Serial Clock (SCL) pins. #### Key Functional Pins: * **E1, E2:** Chip Address inputs. These allow up to four M24M01 devices to be connected to the same I²C bus. * **SDA / SCL:** The standard I²C data and clock lines. * **WC (Write Control):** A hardware protection pin. If connected to $V_{CC}$, write operations are inhibited (read-only mode). If connected to $V_{SS}$ (Ground), the entire memory is write-enabled. --- ### 3. Functional Features * **Byte and Page Write:** Supports writing a single byte or a full page (up to 256 bytes) in one go. * **Random and Sequential Read:** Data can be read starting from any address or sequentially through the entire memory. * **Schmitt Triggers:** Inputs include noise filtering to ensure stable signal transitions even in "noisy" electronic environments. * **Enhanced Reliability:** The device uses a high-endurance CMOS process, making it suitable for applications that require frequent logging of data. --- ### 4. Typical Application Circuit ```mermaid graph LR MCU[Microcontroller] -- SCL -- EEPROM[M24M01] MCU -- SDA -- EEPROM VCC((3.3V)) -- Pull-up Resistor -- SDA VCC -- Pull-up Resistor -- SCL EEPROM -- WC -- GND[Write Enabled] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific timing requirements for the 'Write' cycle in this EEPROM?
    • ⤷ How do the E1 and E2 pins determine the I2C device address?
    • ⤷ Can this part be used in automotive applications
    • ⤷ or is there an 'A' grade version?