Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A15-R

  • AI
    Based on the part number provided, the **M2AC-A15-R** typically refers to a high-performance **M.2 to PCIe adapter or module**, often used in industrial computing or networking hardware (such as those manufactured by brands like Advantech or similar industrial PC providers). Below is a breakdown of its electronic characteristics and functional parts. --- ### 1. Functional Overview This component acts as a bridge between an M.2 interface (typically Key A+E) and a system bus, allowing for the integration of wireless communication modules (Wi-Fi/Bluetooth) into industrial motherboards. ### 2. Key Electronic Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2230 (typically) | | **Interface Type** | PCIe x1 / USB 2.0 | | **Keying** | A+E Key | | **Input Voltage** | 3.3V DC (standard M.2 power rail) | | **Operating Temp** | Often rated for -40°C to +85°C (Industrial Grade) | ### 3. Core Electronic Components #### A. Power Management Integrated Circuit (PMIC) The board contains small LDO (Low Dropout) regulators or buck converters to step down or stabilize the 3.3V input provided by the motherboard to the specific requirements of the mounted chipset (often 1.8V or 1.1V). #### B. Signal Conditioning (Capacitors/Resistors) * **Decoupling Capacitors:** Small SMD capacitors placed near power pins to filter high-frequency noise. * **Pull-up/Pull-down Resistors:** Used on the configuration pins (Config_0, Config_1) to define the device type and power state. #### C. RF Connectors (If wireless) If this is a wireless module variant, it will feature **IPEX/U.FL connectors**. * **Function:** Provides the physical connection point for external antennas. * **Impedance:** Matched at 50 Ohms to minimize signal reflection. #### D. Clocking (Crystal Oscillator) The module includes a quartz crystal (often 26MHz or 40MHz) to provide the reference clock frequency for the PCIe data transmission and internal logic. --- ### 4. Pinout Logic (M.2 Key A+E) The gold fingers on the M.2 edge connector are mapped as follows: 1. **PCIe Lanes:** Differential pairs (TX+/TX- and RX+/RX-) for high-speed data. 2. **USB 2.0:** D+ and D- pins (specifically for Bluetooth functionality in combo cards). 3. **Control Signals:** W_DISABLE (to turn off radio) and PERST# (PCIe Reset). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your M2AC-A15-R unit?
    • ⤷ Do you need the pinout diagram for the M.2 A+E Key interface?
    • ⤷ Are you looking for compatibility information with a specific motherboard?