Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A1F-R/Q

  • AI
    The **M2AC-A1F-R/Q** appears to be a specific industrial control or sensing component, likely within a series of sensors or safety switches. While the exact prefix often points towards brands like Omron or similar automation manufacturers, the suffix breakdown provides technical insight into its electronic characteristics. ### 1. Technical Specification Overview Based on standard industrial naming conventions for components in this class, here is the breakdown of the electronic parts and features: | Feature | Description | | :--- | :--- | | **Model Series** | M2AC (Standard Industrial Interface) | | **Connection Type** | "A1F" usually denotes a specific wiring configuration or a standard connector (e.g., M12 or M8). | | **Output Logic** | "R" typically signifies a **Relay Output** or a specific Resistive load handling capability. | | **Quality/Standard** | "Q" often represents a Quick-connect feature or a specific Quality certification (e.g., UL/CE compliance). | --- ### 2. Internal Electronic Components The device typically contains the following electronic architecture: 1. **Input Conditioning Circuitry:** * **Rectifier/Bridge:** Converts AC input (if applicable) to internal DC levels. * **Voltage Regulator:** Ensures stable power to internal logic gates. 2. **Sensing/Logic Core:** * **ASIC or Microcontroller:** Processes the signal from the physical interface (mechanical lever, magnetic field, or optical beam). * **Filtering Capacitors:** Used to reduce electronic noise and prevent "chatter" in the output signal. 3. **Output Stage:** * **Electromechanical Relay or SSR:** The "R" in the suffix usually points to a physical relay contact, providing dry contact switching. * **Flyback Diode:** Protects the internal circuits from voltage spikes generated by inductive loads. --- ### 3. Connection and Wiring (A1F Structure) The electronic interface usually follows this pin-out logic for industrial automation: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC (+) | Main power supply input. | | **Blue** | GND (-) | Common ground/return path. | | **Black/White** | Signal Out | The switched output (Normally Open or Normally Closed). | --- ### 4. Application Environment * **Operating Voltage:** Generally 24V DC or 100-240V AC depending on the specific "M2AC" sub-type. * **Response Time:** Typically between 1ms to 20ms for relay-based outputs. * **Protection Rating:** Usually IP67 (dust-tight and water-resistant).
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for this specific model?
    • ⤷ Does this model support NPN or PNP logic switching?
    • ⤷ What is the maximum switching current for the 'R' relay output?