Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A20-R2

  • AI
    The **M2AC-A20-R2** is a specific industrial-grade automation component, typically identified as an **AC Output Module** used in programmable logic controllers (PLCs) or distributed I/O systems (often associated with brands like Advantech or similar industrial PC architectures). Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Functional Overview The M2AC-A20-R2 serves as an interface between low-power control logic and high-power AC loads. It acts as a solid-state switch that allows a microprocessor to safely trigger AC devices. ### Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Module Type** | AC Output (Digital/Discrete) | | **Control Voltage** | Typically 5V DC (Logic Side) | | **Load Voltage Range** | 24V AC to 280V AC | | **Current Rating** | Up to 2.0 Amps (Continuous) | | **Switching Method** | Zero-Cross Switching | | **Isolation** | Optical Isolation (Input to Output) | | **Configuration** | Single Channel (per module) | --- ## 2. Key Electronic Components The internal circuitry of this module is designed for reliability in electrically "noisy" industrial environments. * **Optoisolator:** This is the most critical part. It uses a light-emitting diode (LED) and a light-sensitive triac to transfer the signal. This ensures there is **no physical electrical connection** between the high-voltage AC line and the sensitive DC control logic. * **Zero-Cross Circuitry:** This electronic sub-component ensures the module only switches "ON" when the AC sine wave passes through 0 volts. This minimizes electromagnetic interference (EMI) and prevents sudden current spikes. * **Power TRIAC:** The heavy-duty semiconductor that handles the actual switching of the AC current. * **RC Snubber Network:** An internal Resistor-Capacitor circuit designed to protect the module from voltage transients (spikes) caused by inductive loads like motors or solenoids. --- ## 3. Wiring and Application In a standard system, the M2AC-A20-R2 is mounted onto a carrier board or backplane. ### Typical Application Diagram ```text [ Logic Controller ] ---> [ M2AC-A20-R2 ] ---> [ AC Load ] (5V DC) (Opto-Isolation) (110V/220V AC) ``` ### Usage Cases: 1. **Solenoid Valves:** Controlling fluid or air flow. 2. **Motor Starters:** Triggering contactors for industrial motors. 3. **Heating Elements:** Managing temperature control loops. 4. **Lighting:** Switching high-wattage industrial lamps. --- ## 4. Maintenance and Safety * **Fusing:** It is highly recommended to use an external fast-acting fuse to protect the module from short circuits on the load side. * **Derating:** If operating in high-temperature environments, the maximum output current (2A) may need to be reduced (derated) to prevent overheating of the internal TRIAC.
    ✨ Follow-up Questions
    • ⤷ What is the difference between zero-cross and random-fire switching in these modules?
    • ⤷ How do I test if an M2AC-A20-R2 module has failed?
    • ⤷ What are the mounting requirements for the R2 version of this module?