Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A22-R

  • AI
    The **M2AC-A22-R** is a specific model within the **M2AC Series** of industrial LED signal towers (often called stack lights) manufactured by **Menics**. These units are used to indicate the status of machinery, production lines, or safety conditions in industrial environments. --- ### 1. Technical Specifications The part number `M2AC-A22-R` can be broken down to understand its electronic components and capabilities: | Component | Specification | Description | | :--- | :--- | :--- | | **Series** | M2AC | 45mm diameter modular LED signal tower | | **Mounting** | A | Pole mount with base (typically) | | **Voltage** | 22 | **220V AC** (Alternative: 110V AC or 24V DC depending on sub-code) | | **Functions** | Standard | Steady light (non-flashing/no buzzer in base model) | | **Color** | R | **Red** LED module | --- ### 2. Internal Electronic Parts The internal architecture consists of several key layers designed for durability and high visibility: #### A. LED PCB Module * **Light Source:** High-intensity Surface Mount Device (SMD) LEDs. * **Circuitry:** Current-limiting resistors and diodes to ensure constant brightness and protect the LEDs from voltage spikes. * **Lens:** Polycarbonate (PC) prismatic lens for 360-degree light diffusion. #### B. Power Conversion Unit * **Transformer/Rectifier:** Since this unit operates on **AC voltage**, the base contains a small AC-to-DC rectification circuit to provide the low-voltage DC required by the LEDs. * **Input Protection:** Integrated fuses or varistors to protect the unit from industrial electrical noise and surges. #### C. Wiring and Connectivity * **Lead Wires:** Color-coded UL-certified wires for easy integration into a PLC (Programmable Logic Controller) or manual switch system. * **Common Terminal:** Usually follows a "Common" wire configuration (either COM+ or COM- depending on the NPN/PNP logic used). --- ### 3. Key Electronic Features * **Modular Design:** The M2AC series allows for "Easy Stack" assembly, where modules lock together using a twist-and-lock mechanism with internal gold-plated pin connectors for signal passing. * **IP Rating:** Generally rated **IP65**, meaning the electronic parts are fully protected against dust and low-pressure water jets. * **Low Power Consumption:** Uses significantly less current than traditional incandescent bulb towers, reducing the load on the machine's control power supply. --- ### 4. Wiring Diagram Overview While you should always consult the specific manual provided with the unit, the standard wiring for an AC-powered Menics tower is as follows: | Wire Color | Function | | :--- | :--- | | **Yellow/Green** | Earth/Ground | | **Black/White** | Power Common (Neutral/Line) | | **Red** | Signal input for Red Light | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for the M2AC-A22-R at 220V AC?
    • ⤷ Can this model be converted to include a buzzer or flashing module?
    • ⤷ What is the difference between NPN and PNP wiring for this signal tower?