Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A35W-R2/Q

  • AI
    Based on the model number **M2AC-A35W-R2/Q**, this part is an **Industrial AC-DC Power Module**, typically used in embedded systems, automation, or telecommunications equipment. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The **M2AC-A35W-R2/Q** is a high-density, regulated power supply module designed to convert standard AC line voltage into a stable DC output. | Feature | Specification Details | | :--- | :--- | | **Type** | AC/DC Power Supply Module | | **Power Output** | 35 Watts | | **Cooling** | Convection (Open-frame or Enclosed) | | **Mounting** | PCB Mount or Chassis Mount (depending on suffix) | | **Regulation** | Fully Regulated Output | --- ### 2. Key Electronic Parts & Functions The module consists of several critical internal stages that handle power conversion and protection: * **EMI/RFI Filtering:** The input stage contains inductors (chokes) and X/Y capacitors to prevent electromagnetic interference from leaking back into the power line. * **Bridge Rectifier:** Converts the input AC sine wave into a pulsating DC voltage. * **Power Factor Correction (PFC):** Though small, modules in this class often include passive or active circuits to improve energy efficiency. * **PWM Controller:** The "brain" of the unit that regulates the switching frequency to maintain a constant output voltage regardless of load changes. * **Isolation Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe low-voltage DC side. * **Output Filter (LC Circuit):** Uses electrolytic capacitors and inductors to smooth out the DC ripple for sensitive electronics. --- ### 3. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like **Mean Well** or specialized industrial providers), the "35W" nomenclature typically follows these standards: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 85 ~ 264 VAC (Universal Input) | | **Efficiency** | > 85% | | **Dielectric Strength** | 3000 VAC (Input to Output) | | **Protection Features** | Short Circuit, Overload, Overvoltage | | **Operating Temp** | -20°C to +70°C | --- ### 4. Suffix Identification (R2/Q) * **R2:** Usually denotes a "Revision 2" or a specific mechanical revision (e.g., terminal block changes or updated internal components for better thermal performance). * **Q:** Often indicates a "Quality" or "Quiet" rating, or in some manufacturer codes, it signifies specific certification levels (like medical or railway compliance). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage (e.g.
    • ⤷ 5V
    • ⤷ 12V
    • ⤷ 24V) for this specific 35W model?
    • ⤷ Is this power module intended for PCB mounting or DIN-rail installation?
    • ⤷ Does this model have medical grade (IEC 60601-1) certification?