Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A3A-R

  • AI
    Based on the technical prefix and industry standards, the **M2AC-A3A-R** typically refers to a high-performance **Solid State Relay (SSR)** or a specific industrial control module (often associated with brands like Panasonic or similar automation component manufacturers). Below is a breakdown of the electronic specifications and characteristics generally associated with this part number. --- ### 1. General Specifications This device is designed for switching AC loads using semiconductor technology, providing a wear-free alternative to mechanical relays. | Feature | Specification | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Mounting Type** | PCB Mount / Through-Hole | | **Input Type** | DC Control (Logic Level) | | **Output Type** | AC Output (Zero-cross or Random) | | **RoHS Status** | Compliant (indicated by -R suffix) | --- ### 2. Electronic Parts Breakdown #### A. Input Circuit (Control Side) The input side acts as the "trigger" for the relay. It usually consists of: * **Optocoupler:** Provides galvanic isolation (typically up to 2,500V or 4,000V) between the low-voltage control circuit and the high-voltage AC load. * **Current Limiting Resistor:** Protects the internal LED of the optocoupler from overcurrent. * **Input Voltage Range:** Typically operates on 3V to 32V DC, making it compatible with TTL and CMOS logic. #### B. Output Circuit (Load Side) This part handles the actual switching of the AC power: * **TRIAC or Dual SCR:** The power semiconductor used to conduct electricity. * **Snubber Circuit:** An RC (Resistor-Capacitor) network integrated to protect the device against rapid voltage spikes ($dv/dt$). * **Zero-Cross Circuitry:** Often included (denoted by the "A3A" sequence in many configurations) to ensure the relay only turns on when the AC voltage is near zero, reducing EMI/RFI noise. --- ### 3. Pin Configuration (Typical) Most PCB-mount SSRs in this family follow a 4-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **+ Input** | Positive DC control signal | | **2** | **- Input** | Negative DC ground/return | | **3** | **AC Load** | Connection to the AC power line | | **4** | **AC Load** | Connection to the load device | --- ### 4. Key Advantages * **High-Speed Switching:** Much faster response time compared to electromechanical relays. * **Silent Operation:** No moving parts means no "clicking" sound. * **Long Life:** Since there are no physical contacts to arc or wear out, it has a significantly higher MTBF (Mean Time Between Failures). * **Compact Form Factor:** Designed for high-density PCB layouts. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load current rating for the M2AC-A3A-R?
    • ⤷ Does this model support zero-cross switching or random switching?
    • ⤷ What are the heat dissipation requirements for this component at full load?