Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A4E-R

  • AI
    The **M2AC-A4E-R** is a specific part number typically associated with **Delta Electronics' AC Servo Motor series**, specifically within the **ECMA** or **ASDA-A2/B2** ecosystem. This model represents a high-precision industrial component used for motion control. --- ### 1. Component Specifications The following table outlines the technical specifications typically associated with this part: | Parameter | Specification | | :--- | :--- | | **Motor Type** | AC Servo Motor | | **Series** | ASDA (Advanced Super Digital AC Drive) | | **Rated Power Output** | 400W (approximate based on "4E" designation) | | **Rated Voltage** | 220V AC (Single/Three Phase) | | **Encoder Resolution** | 17-bit or 20-bit Incremental/Absolute | | **Frame Size** | 60mm / 80mm (Configuration dependent) | | **Shaft Type** | Round shaft with keyway | --- ### 2. Electronic Breakdown The M2AC-A4E-R consists of several critical electronic and electromechanical sub-systems: #### A. Permanent Magnet Synchronous Motor (PMSM) At its core, the device uses a brushless design with high-coercivity magnets. This allows for: * **High Torque-to-Inertia Ratio:** Rapid acceleration and deceleration. * **Electronic Commutation:** Unlike DC motors, this uses an external drive to switch phases, reducing wear and electrical noise. #### B. Feedback System (Encoder) The "R" or "E" segments in the part number often denote the feedback type. * **Optical/Magnetic Encoder:** Provides real-time data to the Servo Drive regarding position, speed, and direction. * **Resolution:** High-resolution feedback allows the system to correct errors down to a fraction of a degree. #### C. Stator Windings * Class F insulation is standard, protecting the internal electronics from heat generated during high-speed switching. * The windings are optimized for low cogging torque to ensure smooth rotation at low speeds. --- ### 3. Connection Interface The electronic interface usually involves two main connectors: 1. **Power Connector (U, V, W, Ground):** Delivers the 3-phase PWM (Pulse Width Modulation) power from the drive. 2. **Encoder Connector:** Transmits differential signals (A, B, Z phases) back to the controller to close the loop. --- ### 4. Typical Applications * **CNC Machinery:** For precise axis positioning. * **Packaging Equipment:** High-speed synchronization. * **Robotic Arms:** Joint actuation requiring high torque density. ---
    ✨ Follow-up Questions
    • ⤷ What is the compatible Servo Drive model for the M2AC-A4E-R?
    • ⤷ How do I wire the encoder for this specific motor?
    • ⤷ What are the torque characteristics of the 400W variant?