Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A50-R

  • AI
    The **M2AC-A50-R** is an industrial-grade **Solid State Relay (SSR)** manufactured by **Carlo Gavazzi**. It is part of the M2 series, specifically designed for high-performance switching in industrial automation and control systems. --- ## 1. Core Technical Specifications The model number defines the specific electronic capabilities of the device. Below is a breakdown of its primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Relay Type** | Solid State Relay (SSR) | | **Switching Mode** | Zero Cross Switching | | **Rated Operational Voltage** | 230V AC to 480V AC | | **Control Voltage** | 4V DC to 32V DC | | **Rated Operational Current** | 50 Amps | | **Output Type** | Triac / Thyristor (SCR) | | **Isolation** | 4000 Vrms (Input to Output) | --- ## 2. Key Electronic Components & Design The internal architecture of the M2AC-A50-R consists of several critical electronic stages: ### A. Input Stage (Control Side) * **Optoisolator:** This is the most critical safety component. It uses light to transfer the control signal from the DC input to the AC output, ensuring the low-voltage PLC or controller is electrically isolated from the high-voltage mains. * **LED Indicator:** Typically includes a visual status LED to show when the control voltage is active. ### B. Trigger Circuit (Zero-Cross) * The "Zero-Cross" logic ensures that the relay only switches **ON** when the AC sine wave crosses the zero-voltage point. * **Benefit:** This reduces electromagnetic interference (EMI) and prevents large inrush currents, protecting sensitive electronic loads. ### C. Output Stage (Power Side) * **Back-to-Back Thyristors (SCRs):** Unlike mechanical relays, this uses semiconductors to handle the 50A load. SCRs are more robust than Triacs for high-power industrial applications. * **RC Snubber Network:** An internal Resistor-Capacitor circuit protects the device from "dv/dt" (rapid voltage spikes) that could cause false triggering or damage. --- ## 3. Application Use Cases Because the M2AC-A50-R has no moving parts, it is used where high-speed switching and longevity are required: 1. **Heating Elements:** PID control of plastic extruders or ovens. 2. **Motor Control:** Small AC motors where frequent starting/stopping is necessary. 3. **Lighting Systems:** Large-scale industrial lighting banks. --- ## 4. Wiring Diagram (Simplified) ```mermaid graph LR A[DC Control Input +] --> B[SSR Input Terminal] C[DC Control Input -] --> D[SSR Input Terminal] E[AC Line L1] --> F[SSR Output Terminal 1] G[SSR Output Terminal 2] --> H[Load / Heater] H --> I[AC Neutral/L2] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for a 50A SSR like the M2AC-A50-R?
    • ⤷ How does Zero-Cross switching differ from Peak switching in SSRs?
    • ⤷ What are the common failure modes of the M2AC-A50-R?