Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A51-R2

  • AI
    The **M2AC-A51-R2** is a specific model within the **M2AC Series** of AC Servo Motors manufactured by **Sanyo Denki** (often under the *SANMOTION* brand). This motor is designed for high-precision motion control applications. --- ## 1. Core Technical Specifications The "M2AC-A51-R2" designation corresponds to specific electrical and physical attributes: | Specification | Details | | :--- | :--- | | **Motor Type** | AC Servo Motor | | **Power Output** | Typically 50W (based on the "51" sizing) | | **Input Voltage** | AC 200V / 230V | | **Rated Speed** | 3000 RPM (Typical for this series) | | **Shaft Design** | Straight shaft (standard) | | **Encoder Type** | Incremental or Absolute (Model dependent) | --- ## 2. Key Electronic Components & Internal Parts The operation of this motor relies on several critical electronic and electromechanical sub-assemblies: ### A. The Stator and Windings * **3-Phase Coils:** The internal housing contains high-density copper windings. These are arranged in a 3-phase configuration to create a rotating magnetic field when energized by a servo driver. * **Insulation Class:** Usually Class B or F, designed to withstand high thermal loads during rapid acceleration/deceleration. ### B. The Permanent Magnet Rotor * **Rare Earth Magnets:** High-grade neodymium or samarium-cobalt magnets are mounted on the rotor shaft. This allows for high torque density and low inertia, enabling the "R2" variant to reach high speeds quickly. ### C. The Feedback System (Encoder) The most sensitive electronic part is the **Optical or Magnetic Encoder** mounted on the rear of the motor: * **Function:** It tracks the exact position and speed of the shaft and sends this data back to the Servo Drive. * **Resolution:** Typically measured in pulses per revolution (PPR). This ensures the "closed-loop" system remains accurate. ### D. Connection Ports * **Power Lead:** Supplies the 3-phase AC power. * **Encoder Lead:** A separate shielded cable used to transmit low-voltage signals to prevent electromagnetic interference (EMI). --- ## 3. Wiring Configuration The standard wiring for the M2AC series usually follows this color-coding or pin-out: ```yaml Power Connector (Standard): - Red: Phase U - White: Phase V - Black: Phase W - Green/Yellow: Ground (PE) Encoder Connector: - Vcc (5V or 12V) - GND - A / A-not (Phase A) - B / B-not (Phase B) - Z / Z-not (Index Pulse) ``` --- ## 4. Common Applications Due to its compact size and high responsiveness, the M2AC-A51-R2 is commonly found in: * **Semiconductor manufacturing** (pick-and-place). * **Medical equipment** (precision pumps or scanning beds). * **Small-scale CNC machinery** (X-Y table movements).
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drivers for the M2AC-A51-R2?
    • ⤷ How do I troubleshoot an encoder error on this motor?
    • ⤷ What is the specific torque rating for the 50W variant?