Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A55-R2

  • AI
    The **M2AC-A55-R2** is a specialized electronic component, typically identified as a high-performance **AC-DC Power Module** or a specialized power adapter assembly used in industrial and computing environments. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The M2AC-A55-R2 is designed to convert alternating current (AC) into regulated direct current (DC) to power sensitive electronic components. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal Input) | | **Output Voltage** | Typically 12V or 19V DC (Standard for M2 series) | | **Power Rating** | ~55W to 65W | | **Efficiency** | >85% (Level VI energy efficiency compliant) | | **Connector Type** | Barrel Jack or proprietary 4-pin/6-pin header | --- ## 2. Key Electronic Internal Parts The reliability of the R2 (Revision 2) model comes from its internal power management circuitry: ### A. Rectification & Filtering * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **Electrolytic Capacitors:** Large "bulk" capacitors (rated for 400V+) smooth out the rectified voltage to reduce ripple. ### B. Switching Stage * **PWM Controller IC:** The "brain" of the unit. It modulates the duty cycle to maintain a steady output voltage despite input fluctuations. * **Power MOSFET:** A high-speed transistor that switches the input current at high frequencies (usually 60kHz–100kHz) into a high-frequency transformer. ### C. Isolation and Regulation * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe low-voltage DC side. * **Optoisolator:** Sends feedback from the output side back to the PWM controller to adjust power delivery without physical electrical contact. --- ## 3. Protection Circuitry The "R2" revision often includes improved protection features compared to the original version: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds a safe threshold (e.g., if it hits 15V on a 12V line). 2. **SCP (Short Circuit Protection):** Uses a sensing resistor to detect high current flow and cuts power instantly to prevent fires. 3. **OTP (Over Temperature Protection):** Thermal thermistors (NTC) monitor the heat of the MOSFETs and shut down the unit if it exceeds ~100°C. --- ## 4. Physical Construction * **Housing:** Flame-retardant Polycarbonate (UL94V-0 rated). * **Shielding:** Internal EMI/RFI shielding to prevent the switching frequency from interfering with nearby wireless devices or sensitive sensors. * **Thermal Management:** Integrated heat sinks or thermal pads to dissipate heat from the power transistors to the outer casing.
    ✨ Follow-up Questions
    • ⤷ What is the specific output amperage of the M2AC-A55-R2?
    • ⤷ Is this power module compatible with standard DIN rail mounting?
    • ⤷ What are the pinout configurations for the R2 revision connector?