Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A6E-R/Q

  • AI
    The **M2AC-A6E-R/Q** is a specialized electronic component, typically associated with **M-System** (now **MG CO., LTD**), a leading manufacturer of signal conditioners and interface modules. This specific part belongs to the **M2AC series**, which are plug-in type AC current transducers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Product Overview The M2AC series is designed to convert an alternating current (AC) input signal into a standard DC output signal (voltage or current) that is proportional to the input. This is critical for interfacing high-power electrical systems with PLCs or monitoring equipment. ### Specification Breakdown | Parameter | Specification | Details | |:--- |:--- |:--- | | **Input** | AC Current | Typically 0 – 1A or 0 – 5A AC | | **Output** | DC Signal | Standard process signals (4-20mA, 0-10V, etc.) | | **Accuracy** | ±0.3% | High precision for industrial monitoring | | **Response Time** | ≤ 0.5 sec | Time to reach 90% of final value | | **Isolation** | 3-Way | Input to output to power to ground | --- ## 2. Deciphering the Model Suffixes The alphanumeric codes after the base model "M2AC" define the hardware configuration: * **-A6E**: * **A**: Input type (Usually 0 – 5A AC). * **6**: Output type (Standard DC voltage/current code, e.g., 1 – 5V DC). * **E**: Power supply requirement (Typically 200 – 240V AC). * **-R**: * Indicates the power input type, usually **24V DC**. (Note: If 'E' and 'R' are both present, the suffix 'R' specifically denotes the 24V DC power option in many M-System configurations). * **-Q**: * Indicates a **Special Option** or "Ex-factory" modification. This often refers to specific coating (like moisture proofing) or a non-standard calibration. --- ## 3. Key Electronic Components & Circuitry Internally, the device consists of four main functional blocks: 1. **Input Transformer:** Steps down the high AC current to a millivolt level while providing galvanic isolation. 2. **Rectifier/Filter Circuit:** Converts the AC waveform into a smooth DC voltage. Since the M2AC is usually an **Average Sensing** device, it is calibrated to the RMS value of a sine wave. 3. **Isolation Barrier:** Uses an optical or magnetic isolator to prevent high voltage surges on the input side from damaging the output side (PLC/Controller). 4. **Output Amplifier:** Scales the signal to the desired industrial range (e.g., 4-20mA). --- ## 4. Wiring and Installation The unit uses a **8-pin or 11-pin circular plug-in base**, allowing for easy replacement without disconnecting wires from the terminal block. ### Typical Terminal Layout | Terminal No. | Function | |:--- |:--- | | 1 & 8 | AC Input (from Current Transformer) | | 4 (+) & 5 (-) | DC Output | | 2 & 3 | Power Supply | --- ## 5. Technical Safety Features * **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground). * **Insulation Resistance:** 100 MΩ or more with 500V DC. * **Housing Material:** Flame-resistant resin (Black).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an average-sensing and a true-RMS transducer?
    • ⤷ How do I calibrate the Zero and Span on this specific module?
    • ⤷ Can this module be used with a 50Hz and 60Hz frequency interchangeably?