Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A74W-R/Q

  • AI
    The **M2AC-A74W-R/Q** appears to be a specific industrial electronic component, typically associated with **proximity sensors** or **industrial automation connectors**, often manufactured by companies like Omron or similar automation leaders. Below is the technical breakdown of the electronic parts and specifications for this type of component. --- ## 1. Technical Specifications This component is generally part of an AC-powered sensing system. The following table highlights the core electrical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | AC Proximity Sensor / Connector Assembly | | **Voltage Range** | 24V AC to 240V AC (Standard) | | **Pin Configuration** | 4-Wire (typically) | | **Connector Type** | M12 Circular Connector | | **Protection Rating** | IP67 / IP69K (Water & Dust resistant) | | **Operating Temp** | -25°C to +70°C | --- ## 2. Key Electronic Internal Parts The internal circuitry of the **M2AC** series usually consists of several critical layers: ### A. Sensing Oscillator (Front-end) This part generates an electromagnetic field. When a metallic object enters this field, "eddy currents" are induced, causing the oscillation amplitude to drop. ### B. Trigger Circuit (Schmitt Trigger) The trigger circuit evaluates the change in the oscillator's signal. Once the signal hits a specific threshold, it flips the output state from "Off" to "On." ### C. Output Switch (Thyristor or Triac) Since this is an **AC** component (indicated by the "AC" in the prefix), it uses a **Thyristor** or **Triac** as the solid-state switching element rather than a transistor (NPN/PNP), which is used for DC. ### D. Rectifier & Protection * **Bridge Rectifier:** Converts AC input to internal DC to power the logic. * **Varistor (MOV):** Protects the internal electronics from voltage spikes and surges common in industrial environments. --- ## 3. Wiring Configuration For the **R/Q** variant, the wiring usually follows standard industrial coding for AC sensors: ```yaml Pin 1: L1 (Live / Hot) Pin 2: Not Connected or Auxiliary Pin 3: L2 (Neutral / Return) Pin 4: Output (Switched Load) ``` --- ## 4. Application Usage These parts are primarily found in: 1. **Conveyor Systems:** Detecting metal pallets. 2. **Machine Tools:** Monitoring the position of moving arms. 3. **Food & Beverage:** High-pressure washdown environments (due to the IP69K rating).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AC and DC versions of this sensor?
    • ⤷ Can you explain the wiring diagram for the 4-pin M12 connector?
    • ⤷ What are the common failure modes for AC proximity sensors?