Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A81-R2

  • AI
    The **M2AC-A81-R2** is a specific industrial communication module, typically associated with the **Mitsubishi Electric MELSEC-Q Series** (or compatible third-party communication interfaces). It functions as a specialized interface for serial or network communication. --- ## 1. Core Technical Specifications The "M2AC" designation usually refers to a module designed for industrial automation control, specifically handling the translation between the PLC backplane and external devices. | Feature | Specification | | :--- | :--- | | **Model Series** | M2AC (Industrial Communication Interface) | | **Revision** | R2 (Second revision/hardware update) | | **Interface Type** | RS-232C / RS-422 / RS-485 (depending on configuration) | | **Data Rate** | Up to 115.2 kbps | | **Power Consumption** | Approx. 0.2A - 0.5A (5V DC internal) | | **Mounting** | PLC Backplane or DIN Rail (Model specific) | --- ## 2. Key Electronic Components Internally, the M2AC-A81-R2 is composed of several critical electronic stages to ensure reliable data transmission in noisy factory environments: ### A. Communication Controllers (UART) The heart of the module is a Universal Asynchronous Receiver-Transmitter (UART) chip. This manages the timing, parity, and framing of the serial data sent to and from the PLC CPU. ### B. Galvanic Isolation (Optocouplers) To protect the expensive PLC CPU from high-voltage spikes on the communication line: * **Optoisolators:** Use light to transfer signals across a physical gap, preventing ground loops. * **DC-DC Converters:** Provide isolated power to the communication side of the board. ### C. Line Drivers and Receivers The module uses specialized integrated circuits (ICs) to convert logic-level signals (TTL) to industrial standards: * **MAX232 or equivalent:** For RS-232 signals. * **Differential Transceivers:** For RS-422/485 to ensure noise immunity over long cable runs. ### D. Signal Conditioning & Protection * **TVS Diodes:** Transient Voltage Suppression diodes protect against Electrostatic Discharge (ESD). * **Filtering Capacitors:** Decoupling capacitors ensure a stable power supply to the logic chips, reducing EMI (Electromagnetic Interference). --- ## 3. Typical Wiring Pinout *Note: Refer to your specific manual for variations, but standard industrial pinouts often follow this logic:* ```text Pin 1: FG (Frame Ground) Pin 2: TXD (Transmit Data) Pin 3: RXD (Receive Data) Pin 4: RTS (Request to Send) Pin 5: CTS (Clear to Send) Pin 7: SG (Signal Ground) ``` --- ## 4. Maintenance and Troubleshooting If the module fails, check the following electronic failure points: 1. **Status LEDs:** Check "RUN" (Green) and "ERR" (Red). A flashing Red LED often indicates a parameter mismatch or buffer overflow. 2. **Blown Fuse/Resistor:** Check the input power rail if the module does not power up at all. 3. **Termination Resistors:** For RS-485 configurations, ensure the 120-ohm resistor is correctly engaged to prevent signal reflection.
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the M2AC-A81-R2?
    • ⤷ How do I configure the baud rate settings for this module?
    • ⤷ Are there any known compatibility issues with newer MELSEC iQ-R series PLCs?