Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A84-R

  • AI
    The **M2AC-A84-R** is a specific industrial component, typically associated with the **M2 Series of Solid State Relays (SSR)** or power controllers, often manufactured by companies like *Celduc Relais* or similar industrial automation brands. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is a high-performance **Solid State Relay (SSR)** designed for switching AC loads. It utilizes semiconductor technology (Thyristors/Triacs) rather than mechanical contacts, allowing for high-speed switching and longevity. | Feature | Specification | | :--- | :--- | | **Switching Type** | Zero Cross (Synchronous) | | **Output Type** | AC Output (Back-to-back Thyristors) | | **Mounting** | DIN Rail or Panel Mount | | **Input Control** | DC Voltage (typically 4-32V DC) | | **Protection** | Integrated RC Snubber & Varistor | --- ### 2. Electronic Components & Internal Architecture The M2AC-A84-R consists of several critical electronic sub-systems: #### A. Control Input (Primary Side) * **Optoisolator:** Provides electrical isolation (usually up to 4kV) between the low-voltage control signal and the high-voltage AC load. * **LED Indicator:** A visual status indicator to show when the input signal is active. * **Current Limiter:** Internal circuitry to ensure the input LED/Optocoupler operates safely across a wide range of DC voltages. #### B. Zero-Cross Detection Circuit * This circuit ensures the relay only turns **ON** when the AC sine wave crosses the zero-voltage point. * **Benefit:** Reduces Electromagnetic Interference (EMI) and prevents high inrush currents, protecting sensitive electronic loads. #### C. Power Output (Secondary Side) * **Thyristors (SCRs):** Two thyristors are usually arranged in an anti-parallel configuration to handle the full AC cycle. * **Thermal Management:** The electronics are mounted on a ceramic substrate (DCB - Direct Copper Bonding) to efficiently transfer heat to the external heatsink. --- ### 3. Key Technical Ratings | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 12V to 280V AC (or up to 480V depending on sub-series) | | **Rated Current** | 25A - 50A (with proper heatsinking) | | **Control Signal** | 4-32 VDC | | **Switching Frequency** | Up to 10 Hz | | **Operating Temp** | -40°C to +80°C | --- ### 4. Application Use Cases Due to its electronic design, the M2AC-A84-R is ideal for: 1. **Heating Elements:** PID control of resistive heaters where frequent switching is required. 2. **Motor Control:** Starting/Stopping small AC motors (ensure proper snubber protection). 3. **Lighting Systems:** Controlling large banks of incandescent or LED lighting. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Instantaneous switching in this model?
    • ⤷ How should I calculate the heatsink requirements for a 30A load?
    • ⤷ Does this model include built-in overvoltage protection?