Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A84-R2/CE

  • AI
    The **M2AC-A84-R2/CE** is a specific model within the family of industrial automation and control components, typically associated with motor protection and monitoring systems (often part of the ABB or similar industrial lines). Below is a breakdown of the electronic and technical specifications for this part. --- ### 1. General Specifications This device is primarily used for **Motor Control and Management**. It integrates sensing, protection, and communication capabilities into a single electronic module. | Feature | Specification | | :--- | :--- | | **Model** | M2AC-A84-R2/CE | | **Primary Function** | Motor Protection / Control Unit | | **Communication** | Serial/Fieldbus Interface (R2 variant) | | **Standard Compliance** | CE (European Conformity) | ### 2. Key Electronic Components & Subsystems The module consists of several critical electronic stages: * **Current Sensing Circuitry:** Uses internal or external current transformers (CTs) to convert high-load motor current into low-voltage signals for the microprocessor. * **Microcontroller Unit (MCU):** The "brain" of the device which runs the firmware for thermal modeling, trip logic, and communication protocols. * **Analog-to-Digital Converter (ADC):** High-precision converters that digitize current and voltage waveforms to detect anomalies like phase imbalance or harmonics. * **Digital Input/Output (I/O):** * **Inputs:** Opto-isolated inputs for monitoring contactor status or external faults. * **Outputs:** Relay outputs (the "R2" designation often refers to the relay configuration) used to trip the main contactor or trigger alarms. * **Power Supply Module:** An internal switched-mode power supply (SMPS) that converts site power (usually 110V-240V AC/DC) to the logic-level voltages (3.3V/5V) required by the internal chips. ### 3. Functional Protections The electronic logic within the M2AC-A84-R2/CE provides the following protections: 1. **Overload Protection:** Calculates the thermal image of the motor based on current flow. 2. **Phase Failure/Unbalance:** Detects if one phase of the power supply is missing or significantly lower than others. 3. **Stalled Motor/Locked Rotor:** Instantly trips if the current exceeds a specific threshold during startup or operation. 4. **Earth Fault:** Detects leakage current to ground to prevent insulation fire or equipment damage. --- ### 4. Technical Summary Table | Parameter | Value/Range | | :--- | :--- | | **Rated Voltage** | Typically up to 690V AC (Main Circuit) | | **Control Supply** | 110V - 240V AC/DC (typical for M2AC series) | | **Output Relays** | 2 Change-over contacts (R2) | | **Operating Temp** | -20°C to +60°C | | **Mounting** | DIN Rail or Panel Mount |
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the R2 variant?
    • ⤷ How do you configure the trip curves on the M2AC-A84-R2?
    • ⤷ Is this module compatible with external current transformers for high-voltage motors?