Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-A8F-R2SLASHCE

  • AI
    The part number **M2AC-A8F-R2/CE** typically refers to a high-performance **M.2 Solid State Drive (SSD)**, often associated with industrial or enterprise-grade storage solutions (commonly from brands like Apacer or similar industrial storage providers). Below is the breakdown of the electronic components and specifications for this type of module. --- ### 1. General Specifications The device is a non-volatile storage medium designed for high-speed data transfer and reliability in demanding environments. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe Gen3 x4 | | **Protocol** | NVMe (Non-Volatile Memory express) | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Connector** | M-Key | --- ### 2. Core Electronic Components An M.2 SSD consists of three primary electronic sub-systems: #### A. Flash Controller (The "Brain") The controller is an integrated circuit that manages the data flow between the host computer and the NAND flash memory. * **Functions:** Error Correction Code (ECC), Wear Leveling, Bad Block Management, and Garbage Collection. * **Thermal Management:** Often includes a thermal throttling mechanism to prevent overheating during heavy I/O tasks. #### B. NAND Flash Memory chips The actual storage area where data is kept even when power is removed. * **Technology:** 3D NAND stacking, which allows for higher density and lower power consumption compared to older 2D (Planar) NAND. * **Reliability:** Typically rated for industrial temperature ranges if the part includes specific suffixes. #### C. DRAM Cache (Optional) High-end modules like the "R2" series often include a dedicated DDR3 or DDR4 DRAM chip. * **Purpose:** To store the "mapping table" (the index of where data is physically located on the flash). This significantly increases random read/write speeds. --- ### 3. Key Electronic Features * **S.M.A.R.T. Support:** Self-Monitoring, Analysis, and Reporting Technology to track the health of the drive. * **TRIM Command:** Helps the OS inform the SSD which blocks of data are no longer considered in use, optimizing write speeds. * **Power Management:** Supports Active State Power Management (ASPM) to reduce power draw during idle periods. * **End-to-End Data Protection:** Ensures data integrity from the moment it leaves the host to the moment it is written to the NAND. --- ### 4. Technical Nomenclature Breakdown While specific to the manufacturer's catalog, the string generally translates to: * **M2AC:** M.2 PCIe Series. * **A8F:** Capacity identifier (e.g., 128GB, 256GB, or 512GB depending on the specific generation). * **R2:** Revision 2 (Hardware/Firmware update). * **CE:** Conformité Européenne (Certification for European safety/EMC standards). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the A8F variant?
    • ⤷ Does this model support industrial temperature ranges (-40°C to 85°C)?
    • ⤷ How does PCIe Gen3 x4 speed compare to SATA-based M.2 drives?