Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-AA0-R2

  • AI
    The **M2AC-AA0-R2** is a specific model within the **M2AC Series** of electronic signal conditioners/transducers, typically manufactured by companies like **M-System**. This device is designed to convert an AC current input into a standard DC output signal, providing galvanic isolation between the input, output, and power source. --- ### 1. Technical Specifications Overview Below is a breakdown of the electronic parameters for this specific model: | Component | Specification Details | | :--- | :--- | | **Model Series** | M2AC (AC Current Transmitter) | | **Input Type** | AC Current (usually 0 – 1A or 0 – 5A AC) | | **Output Type** | DC Voltage or Current (Standard 4–20mA or 1–5V) | | **Power Input** | 100 – 240V AC (Standard Mains) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | --- ### 2. Key Electronic Features The M2AC-AA0-R2 utilizes several internal electronic stages to process the signal: #### A. Sensing Circuitry (Input) The device uses an internal current transformer or a precision shunt resistor to sample the AC current. It is designed for **RMS (Root Mean Square)** or **Average** sensing, which allows it to handle standard 50/60Hz sine waves effectively. #### B. Signal Conditioning & Conversion 1. **Rectification:** The AC input is rectified into a pulsating DC signal. 2. **Filtering:** Low-pass filters smooth the ripple to create a stable DC representation of the AC amplitude. 3. **Linearization:** The internal electronics ensure that the output remains proportional (linear) to the input current. #### C. Galvanic Isolation This is a critical safety and performance feature. The "R2" designation often refers to the isolation rating and power supply configuration. It protects sensitive control equipment (like a PLC) from high-voltage surges or ground loops on the AC input side. --- ### 3. Wiring Configuration While specific terminal numbers may vary by manufacturer version, the standard wiring logic is as follows: ```text Terminal Block Layout (Typical): [Input S1, S2] <--- From Current Transformer (CT) or AC Line [Output +, -] ---> To PLC/Controller Input [Power L, N] <--- 100-240V AC Power Source ``` --- ### 4. Application Use Cases * **Motor Monitoring:** Measuring the current draw of an industrial AC motor. * **Load Analysis:** Converting high AC currents from a Current Transformer (CT) into a readable 4-20mA signal for SCADA systems. * **Safety Interlocks:** Detecting over-current conditions to trigger an alarm or shutdown.
    ✨ Follow-up Questions
    • ⤷ What is the specific output signal range for the AA0-R2 sub-model?
    • ⤷ Does this model support True RMS measurement for non-sinusoidal waves?
    • ⤷ How do I calibrate the zero and span settings on this unit?