Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-AA3-R/CE

  • AI
    The **M2AC-AA3-R/CE** is a high-performance industrial signal conditioner/transmitter, part of the M2 series manufactured by **M-System**. It is specifically designed to convert an Alternating Current (AC) input signal into a standardized Direct Current (DC) output. --- ## 1. Technical Specifications The following table highlights the primary electronic characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Input Type** | AC Current (e.g., from a Current Transformer) | | **Input Range (AA3)** | 0 – 5 A AC | | **Output Range (R)** | 4 – 20 mA DC | | **Power Supply (CE)** | 100 – 240V AC (Standard Operational Voltage) | | **Accuracy** | ±0.3% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation** | Input to Output to Power to Ground | --- ## 2. Key Electronic Components & Functions The device operates using a multi-stage electronic conversion process: ### A. Input Stage (Signal Conditioning) * **Current Transformer (Internal):** The device typically uses a small internal CT to step down the 0–5A AC input to a low-voltage electronic signal. * **Rectifier Circuit:** Converts the AC waveform into a pulsating DC signal. Since this is likely an "Average Sensing" model, it calculates the mean value of the rectified wave and calibrates it to the RMS (Root Mean Square) for sine waves. ### B. Processing Stage * **Operational Amplifiers (Op-Amps):** These are used to scale and linearize the signal. * **Isolation Barrier:** The "M2" series utilizes **optical or magnetic isolation**. This protects the control system (PLC/DCS) from high-voltage surges or ground loops occurring on the input side. ### C. Output Stage * **Current Driver:** A specialized circuit that ensures the 4–20 mA output remains stable regardless of the load resistance (up to 550 Ω). * **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning the electronic calibration. --- ## 3. Terminal Configuration The wiring for this electronic module is typically broken down as follows: ```text Terminal | Function ---------|----------------------------- 1 - 2 | Input (0-5A AC) 4 - 5 | Output (4-20mA DC) 7 - 8 | Power Supply (100-240V AC) ``` --- ## 4. Application Context Electronic parts like the M2AC-AA3-R/CE are essential for **Energy Monitoring**. They allow a standard PLC (which only understands DC signals like 4-20mA) to safely monitor the current draw of a large industrial motor or heater running on high-voltage AC.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'Average Sensing' and 'True RMS' in this model series?
    • ⤷ What is the maximum allowable load resistance for the 4-20mA output?
    • ⤷ How do I calibrate the zero and span points on this specific unit?